Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 29Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 30Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 31Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 32Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 33Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 34Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 35Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 36Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
PROTECTED
REGISTER
EPROM
ERRORCHECK /
CORRECT (ECC) LOGIC
7
LOAD
PROGRAM
7
PARITY
ECC_COR
ECC_ERR
REFRESH
POR
REFRESH-PROTECT KEY
VOLTAGE &
TIMINGCONTROL
PGM-PROTECT KEY
WRITE-PROTECTKEY
WRITE
LOADsignalevaluates
ECCsyndromebits
KEY requiressequenced
writetounlockfunction
6
6
5
5
4
4
3
3
2
2
1
1
0
0
P
PARITY LOGIC
CHECKBITS
INTERNAL DATA BUS
SYNDROMECHECKER / GENERATOR
Cn+1...
Cn
C0
REGISTERCONTROL & STATUSBITS
STATUSFLAGS
Nodirectaccesstothisregister.
1 biterror
2+ biterrors
CRCCHECKLOGIC
SPIDE-SERIALIZER
bq76PL536A
www.ti.com
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
Read / Write, Initialized From EPROM (Group3)
These registers control the device configuration and functionality. The contents of the registers are initialized
from EPROM-stored constants as a result of POR, RESET command, or the RELOAD_SHADOW command.
This feature ensures that the secondary protector portion of the device (COV, CUV, OT) is fully functional after
any reset, without host CPU involvement.
These registers may only be modified by using a special, sequential-write sequence to guard against accidental
changes. The value loaded from EPROM at reset (or by command) may be temporarily overridden by using the
special write sequence. The temporary value is overwritten to the programmed EPROM initialization value by the
next reset or command to reload. To write to a these protected registers, first write 0x35 to SHDW_CONTROL[],
immediately followed by the write to the desired register. Any intervening write cancels the special sequence.
To re-initialize the entire set of Group3 registers to the EPROM defaults, write the value 0x27 to
SHDW_CONTROL[].
These registers are further protected against corruption by a ninth parity bit that is automatically updated when
the register is written using even parity. If the contents of the register ever become corrupted, the bad parity
causes the ALERT_STATUS[PARITY] bit to become set, alerting the host CPU of the problem.
The EPROM-stored constants are programmed by writing the values to the register(s), then applying the
programming voltage to the LDODx pins, then issuing the EPROM_WRITE command to register E_EN[]. All
Group3 registers are programmed simultaneously, and this operation can only be performed once to the one-
time-programmable (OTP) memory cells. The process is not reversible.
Figure 15. Protected Register Group3 Architecture, Simplified View
Error Checking and Correcting (ECC) EPROM
The EPROM used to initialize this group is also protected by error-check-and-correct (ECC) logic. The ECC bits
provide a highly reliable storage solution in the presence of external disturbances. This feature cannot be
disabled by user action. Implementation is fully self-contained and automatic and requires no special
computations or provisioning by the user.
When the Group3 contents are permanently written to EPROM, an additional array of hidden ECC-OTP cells is
also automatically programmed. The ECC logic implements a Hamming code that automatically corrects all
single-bit errors in the EPROM array, and senses additional multi-bit errors. If any corrections are made, the
DEVICE_STATUS[ECC_COR] flag bit is set. If any multi-bit errors are sensed, the ALERT_STATUS[ECC_ERR]
flag is set. The corrective action or detection is performed anytime the contents of EPROM are loaded into the
registers – POR, RESET, or by SHADOW_LOAD command. Note: The ECC_COR and ECC_ERR bits may
glitch during OTP-EPROM writes; this is normal. If this occurs, reset the tripped bit; it should remain cleared.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com