Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 22Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 23Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 24Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 25Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 26Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 27Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 28Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 29Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
GPIO
The bq76PL536A includes a general-purpose input/output pin controlled by the IO_CONTROL[GPIO_OUT] bit.
The state of this bit is reflected on the pin. To use the pin as an input, program GPIO_OUT to a 1, and then read
the IO_CONTROL[GPIO_IN] bit. A pullup (10 k
Ω–1 MΩ, typ.) is required on this pin if used as an input. If the
pullup is not included in the design, system firmware must program a 0 in IO_CONTROL[GPIO_OUT] to prevent
excess current draw from the floating input. Use of a pullup is recommended in all designs to prevent an
unintentional increase in current draw.
SLEEP Functionality
The bq76PL536Aprovides the host a mechanism to put the part into a low-power sleep state by setting the
IO_CONTROL[SLEEP] bit. When this bit is set/reset, the following actions occur:
Sleep State Entry (bit set)
If a conversion is in progress, the device waits for it to complete, then sets DRDY true (high).
The device sets the ALERT_STATUS[SLEEP] bit, which in turn causes the ALERT pin to be asserted.
The device gates off all other sources of FAULT or ALERT except ALERT[SLEEP]. The existing state of the
FAULT and ALERT registers is preserved. The host should service and reset the ALERT generated by the
SLEEP bit being set to minimize SLEEP state current draw by writing a 1 to ALERT[SLEEP] followed by a 0 to
ALERT[SLEEP]. The ALERT North-South signal chain can draw up to ~1 mA of current when active, so this
ALERT source should be cleared prior to the host entering the SLEEP state of its own. This signaling is provided
to notify the host that the unmonitored/unprotected state is being entered.
The REG50 LDO is shut down and the output is allowed to float. The ADC, its reference, and clocks are
disabled. The COV, CUV, and OT circuits are disabled, and their band-gap reference shut off. Note that this
effectively removes protection and monitoring from the cells; the designer should take the necessary
design steps and verifications to ensure the cells cannot be put into an unsafe condition by other parts
of the system or usage characteristics.
IO_CONTROL[TS1(2)] bits are not modified. The host must also set these bits to zero to minimize current draw
of the thermistors themselves.
SPI communications are preserved; all registers may be read or written.
Sleep State Exit (Bit Reset)
VREG50 operation is restored.
COV, CUV, OT circuits are re-enabled.
The ADC circuitry returns to its former state. Note that there is a warm-up delay associated with the ADC enable,
the same delay as specified for enabling from a cold start.
The FAULT and ALERT registers are restored to their pre-SLEEP state. If a FAULT or ALERT condition was
present prior to SLEEP, the FAULT or ALERT pin is immediately asserted.
IO_CONTROL[TS1(2)] should be set by the host if the OT function or temperature measurement functions are
desired.
COMMUNICATIONS
SPI Communications – Device to Host
Device-to-host (D2H) mode is provided on the SPI interface pins for connection to a local host microcontroller,
logic, etc. D2H communications operate in voltage mode as a standard SPI interface for ease of connection to
the outside world from the bq76PL536Adevice. Standard TTL-compatible logic levels are presented. All relevant
SPI timing and performance parameters are met by this interface.
The host interface operates in SPI mode 1, where CPOL = 0 and CPHA = 1. The SPI clock is normally low; data
changes on rising edges, and is sampled on the falling edge. All transfers are MSB-first.
26
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com