Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 21Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 22Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 23Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
COV_FAULT
–
–
–
–
VC6
VC5
VC4
VC3
VC2
VC1
COVT Filter
Latch
VC6
LEVEL
SHIFTER
+
+
VSS
PROTECTOR
REFERENCE
CONFIG_COV[]
TRIP
SETPOINT
COV COMPARATOR
(one per cell)
STATUS
AR
FAULT
FAULT
ALERT
–
–
–
ECC_
COR
UVLO
CBT
DRDY
I_
FAULT
FORCE
POR
CRC
CUV
COV
FAULT_N
FAULT_S
FAULT_H
IO_CONFIG[7]
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
Cell Overvoltage Fault Detection (COV)
When the voltage across a cell exceeds the programmed COV threshold for a period of time greater than set in
the COV timer (COVT), the COV_FAULT[] flag for that cell is set. The bits in COV_FAULT[] are then ORed into
the FAULT[COV] flag, which is then ORed into the DEVICE_STATUS[FAULT] flag, which causes the FAULT_S
(_H) pin also to be asserted. The COV flag is latched unless COVT is programmed to 0, in which case the flag
follows the fault condition. Care should be taken when using this setting to avoid chatter of the fault status. To
reset the FAULT flag, first remove the source of the fault (i.e., the overvoltage condition) and then write a 1 to
FAULT[COV], followed by a 0 to FAULT[COV].
The voltage trip point is set in the CONFIG_COV register. Set points are spaced every 50 mV. Hysteresis is
provided to avoid chatter of the fault sensing. The filter delay time is set in the CONFIG_COVT[] register to
prevent false alarms. A start-up deglitch circuit is applied to the timers to prevent false triggering. The deglitch
time is 0–50 µs, and introduces a small error in the timing for short times. For both COVT and CUVT, this can
cause an error greater than the 10% maximum specified for delays <500 µs.
Figure 7. COV FAULT Simplified Logic Tree
20
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com