Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 14Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 21Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
DRDY_N
I-to-V Conversion
CONVERT_END
CONVERT_START
DRDY_S
DRDY_H
V-to-I Conversion
DEVICE_STATUS[DRDY]
S
R
Q
Q
SET
CLR
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
If the CONV_H pin is used in the design, it must be maintained in a default low state (~0 V) to allow use of the
ADC_CONVERT[CONV]
bit
to
trigger
ADC
conversions.
If
the
CONV
pin
is
kept
high,
the
ADC_CONVERT[CONV] bit does not function, and device current consumption is increased by the signaling
current, ~900 µA. If the CONV_H pin is not used by the user’s design, the pin may be left floating; the internal
current sink to VSS maintains proper bias.
Firmware Start
The CONVERT_CTRL[CONV] bit is also used to initiate a conversion by writing a 1 to the bit. It is automatically
reset at the end of a conversion cycle. The bit may only be written to 1; the IC always resets it to 0. The
BROADCAST form of packet is recommended to start all device conversions simultaneously.
Designer Note: The external CONV_H (CONV_S) pin must be held in the de-asserted (=0) state to allow the
CONV register bit to initiate conversions. An internal pulldown is provided on the pin to maintain this state.
Data Ready
The bq76PL536A signals that data is ready when the last conversion data has been stored to the associated
data result register by asserting the DRDY_S pin (DRDY_H if HOST = 0) if the DRDY_N pin is also asserted.
DRDY_S (DRDY_H) signals are cleared on the next conversion start.
Figure 6. Data-Ready Logic
ADC Channel Selection
The ADC_CONTROL register can be configured as follows:
MEASUREMENT
ADC_CONTROL
VCELL1
CELL_SEL = 0x00
VCELL1, VCELL2
CELL_SEL = 0x01
VCELL1, VCELL2, VCELL3
CELL_SEL = 0x02
VCELL1, VCELL2, VCELL3, VCELL4
CELL_SEL = 0x03
VCELL1, VCELL2, VCELL3, VCELL4, VCELL5
CELL_SEL = 0x04
VCELL1, VCELL2, VCELL3, VCELL4, VCELL5, VCELL6
CELL_SEL = 0x05
External thermistor input 1
TS1 = 1
External thermistor input 2
TS2 = 1
General-purpose analog input
GPAI = 1
18
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com