Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADRF6750
Rev. A | Page 32 of
40
EVALUATION BOARD
GENERAL DESCRIPTION
This board is designed to allow the user to evaluate the
performance of the ADRF6750. It contains the following:
I/Q modulator with integrated fractional-N PLL and VCO
SPI and I2C interface connectors
DC biasing and filter circuitry for the baseband inputs
Low-pass loop filter circuitry
10 MHz reference clock
Circuitry to support differential signaling to the TESTLO
inputs, including dc biasing circuitry
Circuitry to monitor the LOMON outputs
SMA connectors for power supplies and the RF output
The evaluation board comes with associated software to allow
easy programming of the ADRF6750.
HARDWARE DESCRIPTION
For more information, refer to the circuit diagram in Figure 71.
Power Supplies
An external 5 V supply (DUT +5 V) drives both an on-chip
3.3 V regulator and the quadrature modulator.
The regulator feeds the VREG1 through VREG6 pins on the
chip with 3.3 V. These pins power the PLL circuitry.
The external reference clock generator can be driven by a 3 V
supply or by a 5 V supply. These supplies can be connected via
an SMA connector, VCO +V.
Recommended Decoupling for Supplies
The external 5 V supply is decoupled initially by a 10 μF capacitor
and then further by a parallel combination of 100 nF and 10 pF
capacitors that are placed as close to the DUT as possible for good
local decoupling. The regulator output should be decoupled by a
parallel combination of 10 pF and 220 μF capacitors. The 220 μF
capacitor decouples broadband noise, which leads to better phase
noise and is recommended for best performance. Case Size C
220 μF capacitors are used to minimize area. A parallel combi-
nation of 100 nF and 10 pF capacitors should be placed on each
VREGx pin. Again, these capacitors are placed as close to the pins
as possible. The impedance of all these capacitors should be low
and constant across a broad frequency range. Surface-mount
multilayered ceramic chip (MLCC) Class II capacitors provide
very low ESL and ESR, which assist in decoupling supply noise
effectively. They also provide good temperature stability and good
aging characteristics. Capacitance also changes vs. applied bias
voltage. Larger case sizes have less capacitance change vs. applied
bias voltage and also lower ESR but higher ESL. The 0603 size
capacitors provide a good compromise. X5R and X7R capacitors
are examples of these types of capacitors and are recommended
for decoupling.
SPI and I2C Interface
The SPI interface connector is a 9-way, D-type connector that can
be connected to the printer port of a PC. Figure 70 shows the
PC cable diagram that must be used with the provided software.
There is also an option to use the I2C interface by using the I2C
receptacle connector. This is a standard I2C connector. Pull-up
resistors are required on the signal lines. The CS pin can be used
to set the slave address of the ADRF6750. CS high sets the slave
address to 0x60, and CS low sets the slave address to 0x40.
6
7
8
9
1
9-WAY
FEMALE
D-TYPE
25-WAY
MALE
D-TYPE
TO PC
PRINTER PORT
GND
CLK
DATA
LE
2
3
4
5
21
22
23
24
25
8
9
10
11
12
4
5
6
7
1
2
3
16
17
18
19
20
14
15
13
PC
Figure 70. SPI PC Cable Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com