Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
ADRF6750
Rev. A | Page 9 of
40
Pin No.
Mnemonic
Description
27
CS
Chip Select, CMOS Input. When CS is high, the data stored in the shift registers is loaded into one of
31 latches. In I2C mode, when CS is high, the slave address of the device is 0x60, and when CS is low,
the slave address is 0x40.
29
SDI/SDA
Serial Data Input for SPI Port/Serial Data Input/Output for I2C Port. In SPI mode, this pin is a high
impedance CMOS data input, and data is loaded in an 8-bit word. In I2C mode, this pin is a bidirec-
tional port.
30
CLK/SCL
Serial Clock Input for SPI/I2C Port. This serial clock is used to clock in the serial data to the registers.
This input is a high impedance CMOS input.
28
SDO
Serial Data Output for SPI Port. Register states can be read back on the SDO data output line.
17
REFIN
Reference Input. This high impedance CMOS input should be ac-coupled.
18
REFIN
Reference Input Bar. This pin should be either grounded or ac-coupled to ground.
48
RFOUT
RF Output. Single-ended, 50 Ω, internally biased RF output. This pin must be ac-coupled to the
load. Nominal output power is −1.6 dBm for a single sideband baseband drive of 0.9 V p-p differ-
ential on the I and Q inputs (attenuation = minimum).
45
TXDIS
Output Disable. This pin can be used to disable the RF output. Connect to high logic level to disable
the output. Connect to low logic level for normal operation.
25, 26
LOMONP,
LOMONN
Differential Monitor Outputs. These pins provide a replica of the internal local oscillator frequency
(1× LO) at four different power levels: −6 dBm, −12 dBm, −18 dBm, and −24 dBm, approximately.
These open-collector outputs must be terminated with external resistors to REGOUT. These outputs
can be disabled through serial port programming and should be tied to REGOUT if not used.
22, 23
TESTLO,
TESTLO
Differential Test Inputs. These inputs provide an option for an external 2× LO to drive the modulator.
This option can be selected by serial port programming. These inputs must be externally dc-biased and
should be grounded if not used.
10, 8
LF2, LF3
No connect pins.
44
LDET
Lock Detect. This output pin indicates the state of the PLL: a high level indicates a locked condition,
whereas a low level indicates a loss of lock condition.
43
MUXOUT
Muxout. This output is a test output for diagnostic use only. It should be left unconnected by the
customer.
Exposed Paddle
EP
Exposed Paddle. Connect to ground plane via a low impedance path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com