Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ADRF6750
Rev. A | Page 11 of
40
0
10
20
30
40
50
60
–75
–80
–70
–65
–60
–55
–50
–45
–40
–35
–30
LO CARRIER FEEDTHROUGH (dBc)
NOMINAL
WORST-CASE
Figure 11. LO Carrier Feedthrough Distribution at Nominal and Worst-Case
Conditions and Attenuation Setting
–120
–110
–100
–90
–80
–70
–60
–50
–40
LO FREQUENCY (MHz)
ATTENUATION = 0dB
ATTENUATION = 12dB
ATTENUATION = 21dB
ATTENUATION = 33dB
ATTENUATION = 47dB
Figure 12. 2 × LO Carrier Feedthrough vs. Attenuation, LO Frequency,
Supply, and Temperature
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–25
–20
–15
–10
–5
0
5
10
0.1
1
10
DIFFERENTIAL INPUT VOLTAGE (V p-p)
1dB
COMPRESSION
POINT
Figure 13. Output P1dB Compression Point at Worst-Case LO Frequency
vs. Supply and Temperature
0
5
10
15
20
25
30
35
40
45
50
7.0
6.8
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
9.2
OUTPUT P1dB (dBm)
NOMINAL
WORST-CASE
Figure 14. Output P1dB Compression Point Distribution at Nominal
and Worst-Case Conditions
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
LO FREQUENCY (MHz)
Figure 15. Output P1dB Compression Point vs. LO Frequency at
Nominal Conditions
0
5
10
15
20
25
30
35
40
45
OUTPUT IP3 (dBm)
NOMINAL
WORST-CASE
Figure 16. Output IP3 Distribution at Nominal and Worst-Case
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com