Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ADRF6750
Rev. A | Page 18 of
40
THEORY OF OPERATION
×2
DOUBLER
5-BIT
R-DIVIDER
FROM
REFIN
PIN
TO
PFD
÷2
OVERVIEW
The ADRF6750 device can be divided into the following basic
building blocks:
Figure 53. Reference Input Path
The PFD frequency equation is
PLL synthesizer and VCO
fPFD = fREFIN × [(1 + D)/(R × (1 + T))]
(2)
Quadrature modulator
Attenuator
where:
fREFIN is the reference input frequency.
D is the doubler bit.
R is the programmed divide ratio of the binary 5-bit
programmable reference divider (1 to 32).
T is the divide-by-2 bit (0 or 1).
Voltage regulator
I2C/SPI interface
Each of these building blocks is described in detail in the
sections that follow.
PLL SYNTHESIZER AND VCO
RF Fractional-N Divider
Overview
The RF fractional-N divider allows a division ratio in the PLL
feedback path that can range from 23 to 4095. The relationship
between the fractional-N divider and the LO frequency is
described in the following section.
The phase-locked loop (PLL) consists of a fractional-N frequency
synthesizer with a 25-bit fixed modulus, allowing a frequency
resolution of less than 1 Hz over the entire frequency range. It
also has an integrated voltage-controlled oscillator (VCO) with
a fundamental output frequency ranging from 1900 MHz to
3150 MHz. This allows the PLL to generate a stable frequency at
2× LO, which is then divided down to provide a local oscillator
(LO) frequency ranging from 950 MHz to 1575 MHz to the
quadrature modulator.
INT and FRAC Relationship
The integer (INT) and fractional (FRAC) values make it
possible to generate output frequencies that are spaced by
fractions of the phase frequency detector (PFD) frequency.
See the Example—Changing the LO Frequency section for
more information.
Reference Input Section
The LO frequency equation is
The reference input stage is shown in Figure 52. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed, and SW1 and SW2 are
open. This ensures that there is no loading of the REFIN pin at
power-down.
LO = fPFD × (INT + (FRAC/225))
(1)
where:
LO is the local oscillator frequency.
fPFD is the PFD frequency.
INT is the integer component of the required division factor
and is controlled by the CR6 and CR7 registers.
FRAC is the fractional component of the required division
factor and is controlled by the CR0 to CR3 registers.
BUFFER
TO
R-DIVIDER
REFIN
100k
NC
SW2
SW3
NC
NC
SW1
POWER-DOWN
CONTROL
N-COUNTER
INT
REG
TO
PFD
RF N-DIVIDER
N = INT + FRAC/225
FROM VCO
OUTPUT
DIVIDERS
FRAC
VALUE
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
Figure 52. Reference Input Stage
Reference Input Path
The on-chip reference frequency doubler allows the input
reference signal to be doubled. This is useful for increasing the
PFD comparison frequency. Making the PFD frequency higher
improves the noise performance of the system. Doubling the
PFD frequency usually improves the in-band phase noise
performance by 3 dBc/Hz.
Figure 54. RF Fractional-N Divider
Phase Frequency Detector (PFD) and Charge Pump
The PFD takes inputs from the R-divider and the N-counter and
produces an output proportional to the phase and frequency differ-
ence between them (see Figure 55 for a simplified schematic).
The PFD includes a fixed delay element that sets the width of
the antibacklash pulse, ensuring that there is no dead zone in
the PFD transfer function.
The 5-bit R-divider allows the input reference frequency
(REFIN) to be divided down to produce the reference clock
to the PFD. Division ratios from 1 to 32 are allowed.
An additional divide-by-2 function in the reference input path
allows for a greater division range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com