Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6750ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
950 MHz to 1575 MHz Quadrature Modulator
with Integrated Fractional-N PLL and VCO
ADRF6750
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
I/Q modulator with integrated fractional-N PLL and VCO
Gain control span: 47 dB in 1 dB steps
Output frequency range: 950 MHz to 1575 MHz
Output 1 dB compression: 8.5 dBm
Output IP3: 23 dBm
Noise floor: −162 dBm/Hz
Baseband modulation bandwidth: 250 MHz (1 dB)
Output frequency resolution: 1 Hz
Functions with external VCO for extended frequency range
SPI and I2C-compatible serial interfaces
Power supply: 5 V/310 mA
GENERAL DESCRIPTION
The ADRF6750 is a highly integrated quadrature modulator,
frequency synthesizer, and programmable attenuator. The
device covers an operating frequency range from 950 MHz
to 1575 MHz for use in satellite, cellular and broadband
communications.
The ADRF6750 modulator includes a high modulus fractional-N
frequency synthesizer with integrated VCO, providing better
than 1 Hz frequency resolution, and a 47 dB digitally controlled
output attenuator with 1 dB steps.
Control of all the on-chip registers is through a user-selected
SPI interface or I2C interface. The device operates from a single
power supply ranging from 4.75 V to 5.25 V.
FUNCTIONAL BLOCK DIAGRAM
QBBP
QBBN
RSET
TESTLO
TESTLO
SDI/SDA
CLK/SCL
SDO
CS
TXDIS
AGND
DGND
×2
DOUBLER
5-BIT
DIVIDER
REFERENCE
CHARGE
PUMP
CURRENT SETTING
REFIN
REFIN
÷2
PHASE
FREQUENCY
DETECTOR
+
OUTPUT
STAGE
VCO
CORE
0°/90°
REGOUT
VCC1
VCC2
VCC3
VCC4
ADRF6750
VREG1
VREG2
VREG3
VREG4
VREG5
VREG6
LOMONP
LOMONN
RFOUT
47dB
GAIN CONTROL
RANGE
N-COUNTER
INTEGER
REGISTER
FRACTIONAL
REGISTER
MODULUS
225
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
RFCP4 RFCP3 RFCP2 RFCP1
CP
LF3
LF2
LDET
IBBP
IBBN
CCOMP1
CCOMP2
CCOMP3
VTUNE
3.3V
REGULATOR
SPI/
I2C
INTERFACE
Figure 1.


Similar Part No. - ADRF6750ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
4/10-Rev. 0 to Rev. A
More results

Similar Description - ADRF6750ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6704 AD-ADRF6704 Datasheet
1Mb / 36P
2050 MHz to 3000 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
1200 MHz to 2400 MHz Quadrature Modulator
REV. B
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5374 AD-ADL5374_15 Datasheet
862Kb / 20P
3000 MHz to 4000 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
30 MHz to 2200 MHz Quadrature Modulator
REV. B
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
4/10-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com