Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6750ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADRF6750
Rev. A | Page 4 of 4
0
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN CONTROL
Gain Range
47
dB
Step Size
1
dB
Relative Step Accuracy
Fixed frequency, adjacent steps
All attenuation steps
±0.3
dB
Over full frequency range, adjacent steps
±1.5
dB
Absolute Step Accuracy2
47 dB attenuation step
−2.0
dB
Output Settling Time
Any step; output power settled to ±0.2 dB
10
μs
OUTPUT DISABLE
TXDIS pin
Off Isolation
RF OUT, attenuator setting = 0 dB to 47 dB, TXDIS high
−110
dBm
LO, Attenuator setting = 0 dB to 47 dB, TXDIS high
−90
dBm
2 x LO, Attenuator setting = 0 dB to 47 dB, TXDIS high
−50
dBm
Turn-On Settling Time
TXDIS high to low (90% of envelope)
180
ns
Turn-Off Settling Time
TXDIS low to high (to −55 dBm)
270
ns
MONITOR OUTPUT
LOMONP, LOMONN pins
Nominal Output Power
−24
dBm
BASEBAND INPUTS
IBBP, IBBN, QBBP, QBBN pins
I and Q Input Bias Level
500
mV
1 dB Bandwidth
250
MHz
LOGIC INPUTS
Input High Voltage, VINH
CS, TXDIS pins
1.4
V
Input Low Voltage, VINL
CS, TXDIS pins
0.6
V
Input High Voltage, VINH
SDI/SDA, CLK/SCL pins
2.1
V
Input Low Voltage, VINL
SDI/SDA, CLK/SCL pins
1.1
V
Input Current, IINH/IINL
CS, TXDIS, SDI/SDA, CLK/SCL pins
±1
μA
Input Capacitance, CIN
CS, TXDIS, SDI/SDA, CLK/SCL pins
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
SDO, LDET pins; IOH = 500 μA
2.8
V
Output Low Voltage, VOL
SDO, LDET pins; IOL = 500 μA
0.4
V
SDA (SDI/SDA); IOL = 3 mA
0.4
V
POWER SUPPLIES
VCC1, VCC2, VCC3, VCC4, VREG1, VREG2, VREG3, VREG4,
VREG5, VREG6, and REGOUT pins
REGOUT normally connected to VREG1, VREG2, VREG3,
VREG4, VREG5, and VREG6
Voltage Range
VCC1, VCC2, VCC3, and VCC4
4.75
5
5.25
V
REGOUT, VREG1, VREG2, VREG3, VREG4, VREG5, and VREG6
3.3
V
Supply Current
VCC1, VCC2, VCC3, and VCC4 combined; REGOUT con-
nected to VREG1, VREG2, VREG3, VREG4, VREG5, and VREG6
310
340
mA
Operating Temperature
−40
+85
°C
1 LBW = 50 kHz at LO = 1200 MHz; ICP = 2.5 mA.
2 All other attenuation steps have an absolute error of <±2.0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com