Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ADRF6750
Rev. A | Page 21 of
40
Optimization
The carrier feedthrough and the sideband suppression perfor-
mance of the ADRF6750 can be improved over the numbers
specified in Table 1 by using the following optimization
techniques.
Carrier Feedthrough Nulling
Carrier feedthrough results from dc offsets that occur between
the P and N inputs of each of the differential baseband inputs.
Normally these inputs are set to a dc bias of approximately 500 mV.
However, if a dc offset is introduced between the P and N inputs of
either or both I and Q inputs, the carrier feedthrough is affected
in either a positive or a negative fashion. Note that the dc bias
level remains at 500 mV (average P and N level). The I channel
offset is often held constant while the Q channel offset is varied
until a minimum carrier feedthrough level is obtained. Then,
while retaining the new Q channel offset, the I channel offset is
adjusted until a new minimum is reached. This is usually per-
formed at a single frequency and, thus, is not optimized over
the complete frequency range. Multiple optimizations at different
frequencies must be performed to ensure optimum carrier feed-
through across the full frequency range.
Sideband Suppression Nulling
Sideband suppression results from relative gain and relative
phase offsets between the I channel and Q channel and can
be optimized through adjustments to those two parameters.
Adjusting only one parameter improves the sideband suppression
only to a point. For optimum sideband suppression, an iterative
adjustment between phase and amplitude is required.
ATTENUATOR
The digital attenuator consists of six attenuation blocks: 1 dB,
2 dB, 4 dB, 8 dB, and two 16 dB blocks; each is separately
controlled. Each attenuation block consists of field effect
transistor (FET) switches and resistors that form either a pi-
shaped or a T-shaped attenuator. By controlling the states of the
FET switches through the control lines, each attenuation block
can be set to the pass state (0 dB) or the attenuation state (n dB).
The various combinations of the six blocks provide the
attenuation states from 0 dB to 47 dB in 1 dB increments.
VOLTAGE REGULATOR
The voltage regulator is powered from a 5 V supply that is
provided by VCC1 (Pin 11) and produces a 3.3 V nominal
regulated output voltage, REGOUT, on Pin 12. This pin must
be connected (external to the IC) to the VREG1 through VREG6
package pins.
The regulator output (REGOUT) should be decoupled by
a parallel combination of 10 pF and 220 μF capacitors. The
220 μF capacitor, which is recommended for best performance,
decouples broadband noise, leading to better phase noise. Each
VREGx pin should have the following decoupling capacitors:
100 nF multilayer ceramic with an additional 10 pF in parallel,
both placed as close as possible to the DUT power supply pins.
X7R or X5R capacitors are recommended. See the Evaluation
Board section for more information.
EXTERNAL VCO OPERATION
The ADRF6750 can be operated with an external VCO. This
can be useful if the user wants to improve the phase noise
performance or extend the frequency range. Note that the
external VCO needs to operate at a frequency of 2× LO.
To operate the ADRF6750 with an external VCO, follow
these steps:
1.
Connect the charge pump output (Pin 9) to the loop filter
and onward to the external VCO input.
The KVCO of the external VCO needs to be taken into
account when calculating the loop bandwidth and loop
filter components. Note that a 50 kHz loop bandwidth is
recommended when using the internal VCO. This takes
into account the phase noise performance of the internal
VCO. It is possible for an external VCO to provide better
phase noise performance and a 50 kHz loop bandwidth
may not be optimal in that case. When selecting a loop
bandwidth, consider rms jitter, phase noise performance,
and acquisition time. ADISimPLL™ can be used to optim-
ize the loop bandwidth with a variety of external VCOs.
2.
Connect the output of the external VCO to the TESTLO
and TESTLO input pins.
It is likely that a low-pass filter will be needed to filter the
output of the external VCO. This is very important if the
external VCO has poor second harmonic performance.
Second harmonic performance directly impacts sideband
suppression performance. For example, −30 dBc second
harmonic performance leads to −30 dBc sideband suppres-
sion. Both TESTLO and TESTLO need to be dc biased. A
dc bias of 1.7 V to 3.3 V is recommended. The REGOUT
output provides a 3.3 V output voltage.
3.
Select external VCO operation by setting the following bits:
Set Register CR27[3] = 1. This bit multiplexes the
TESTLO and TESTLO through to the quadrature
modulator.
Set Register CR28[5] = 1. This bit powers down the
internal VCO and connects the external VCO to
the PLL.
4.
Set the correct polarity for the PFD based on the slope of
the KVCO. The default is for positive polarity. This bit is
accessed by Register CR12[3].
When selecting an external VCO, at times it is difficult to select
one with an appropriate frequency range and KVCO. One solu-
tion may be the ADF4350, which can function as VCO only
with a range of 137.5 MHz to 4.4 GHz. Note that the ADF4350
requires an autocalibration time of 100 μs which directly
impacts acquisition time.
I2C INTERFACE
The ADRF6750 supports a 2-wire, I2C-compatible serial bus
that drives multiple peripherals. The serial data (SDA) and serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com