Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
ADRF6750
Rev. A | Page 17 of
40
0
10
20
30
40
50
60
70
80
90
100
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ATTENUATOR SETTLING TIME (µs)
NOMINAL SETTLING TIME TO 0.2dB
NOMINAL SETTLING TIME TO 0.5dB
WORST-CASE SETTLING TIME TO 0.2dB
WORST-CASE SETTLING TIME TO 0.5dB
Figure 47. Attenuator Settling Time to 0.2 dB and 0.5 dB Distribution
at Nominal and Worst-Case Conditions for Typical Small Step
0
10
20
30
40
50
60
70
80
90
100
2
0
4
6
8
10
12
14
16
18
20
ATTENUATOR SETTLING TIME (µs)
NOMINAL SETTLING TIME TO 0.2dB
NOMINAL SETTLING TIME TO 0.5dB
WORST-CASE SETTLING TIME TO 0.2dB
WORST-CASE SETTLING TIME TO 0.5dB
Figure 48. Attenuator Settling Time to 0.2 dB and 0.5 dB Distribution
at Nominal and Worst-Case Conditions for Worst-Case Small Step
(36 dB to 42 dB)
0
10
20
30
40
50
60
70
80
90
100
2
0
4
6
8
10
12
14
16
18
20
ATTENUATOR SETTLING TIME (µs)
NOMINAL SETTLING TIME TO 0.2dB
NOMINAL SETTLING TIME TO 0.5dB
WORST-CASE SETTLING TIME TO 0.2dB
WORST-CASE SETTLING TIME TO 0.5dB
Figure 49. Attenuator Settling Time to 0.2 dB and 0.5 dB Distribution at
Nominal and Worst-Case Conditions for Typical Large Step (0 dB to 47 dB)
0
10
20
30
40
50
60
70
80
3
0
6
9
12151821242730
ATTENUATOR SETTLING TIME (µs)
NOMINAL SETTLING TIME TO 0.2dB
NOMINAL SETTLING TIME TO 0.5dB
WORST-CASE SETTLING TIME TO 0.2dB
WORST-CASE SETTLING TIME TO 0.5dB
Figure 50. Attenuator Settling Time to 0.2 dB and 0.5 dB Distribution at
Nominal and Worst-Case Conditions for Worst-Case Large Step
(47 dB to 0 dB)
–70
–60
–50
–40
–30
–20
–10
0
0
0.51.01.5
2.02.53.03.54.04.55.0
TXDIS SETTLING TIME (µs)
TXDIS
TURN-ON = 180ns
TURN-OFF = 270ns
Figure 51. TXDIA Turn-On Settling Time at Worst-Case Supply
and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com