Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ADRF6750
Rev. A | Page 20 of
40
0
5
10
15
20
25
30
35
40
LO FREQUENCY (MHz)
Figure 59. KVCO vs. LO Frequency
QUADRATURE MODULATOR
Overview
A basic block diagram of the ADRF6750 quadrature modulator
circuit is shown in Figure 60. The VCO generates a signal at the
2× LO frequency, which is then divided down to give a signal at the
LO frequency. This signal is then split into in-phase and quadrature
components to provide the LO signals that drive the mixers.
VCO
V-TO-I
V-TO-I
IBBP
IBBN
QBBP
QBBN
BALUN
RFOUT TO
ATTENUATOR
QUAD
PHASE
SPLITTER
÷2
Figure 60. Block Diagram of the Quadrature Modulator
The I and Q baseband input signals are converted to currents by
the V-to-I stages, which then drive the two mixers. The outputs
of these mixers combine to feed the output balun, which provides a
single-ended output. This single-ended output is then fed to the
attenuator and, finally, to the external RFOUT signal pin.
Baseband Inputs
The baseband inputs, QBBP, QBBN, IBBP, and IBBN, must be
driven from a differential source. The nominal drive level of
0.9 V p-p differential (450 mV p-p on each pin) should be
biased to a common-mode level of 500 mV dc.
To set the dc bias level at the baseband inputs, refer to Figure 61.
The average output current on each of the AD9779 outputs is
10 mA. A current of 10 mA flowing through each of the 50 Ω
resistors to ground produces the desired dc bias of 500 mV at
each of the baseband inputs.
50
Ω
50
Ω
50
Ω
50
Ω
IBBP
IBBN
QBBN
QBBP
OUT1_P
OUT1_N
OUT2_N
OUT2_P
ADRF6750
CURRENT OUTPUT DAC
(EXAMPLE: AD9779)
Figure 61. Establishing DC Bias Level on Baseband Inputs
The differential baseband inputs (QBBP, QBBN, IBBN, and
IBBP) consist of the bases of PNP transistors, which present
a high impedance of about 30 kΩ in parallel with roughly 2 pF
of capacitance. The impedance looks like 30 kΩ below 1 MHz
and starts to roll off at higher frequency. A 100 Ω differential
termination is recommended at the baseband inputs, and this
dominates the input impedance as seen by the input baseband
signal. This ensures that the input impedance, as seen by the
input circuit, remains flat across the baseband bandwidth. See
Figure 62 for a typical configuration.
50
Ω
50
Ω
100
Ω
100
Ω
50
Ω
50
Ω
IBBP
IBBN
QBBN
QBBP
OUT1_P
OUT1_N
OUT2_N
OUT2_P
ADRF6750
CURRENT OUTPUT DAC
(EXAMPLE: AD9779)
LOW-
PASS
FILTER
LOW-
PASS
FILTER
Figure 62. Typical Baseband Input Configuration
The swing of the AD9779 output currents ranges from 0 mA to
20 mA. The ac voltage swing is 1 V p-p single-ended or 2 V p-p
differential with the 50 Ω resistors in place. The 100 Ω differen-
tial termination resistors at the baseband inputs have the effect
of limiting this swing without changing the dc bias condition of
500 mV. The low-pass filter is used to filter the DAC outputs
and remove images when driving a modulator.
Another consideration is that the baseband inputs actually
source a current of 240 μA out of each of the four inputs. This
current must be taken into account when setting up the dc bias
of 500 mV. In the initial example based on Figure 61, an error
of 12 mV occurs due to the 240 μA current flowing through
the 50 Ω resistor. Analog Devices, Inc., recommends that the
accuracy of the dc bias should be 500 mV ±25 mV. It is also
important that this 240 μA current have a dc path to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com