Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADRF6750
Rev. A | Page 8 of
40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VCC4
2
IBBP
3
IBBN
4
QBBN
5
QBBP
6
AGND
7
RSET
8
LF3
9
CP
10
LF2
11
VCC1
12
REGOUT
13
VREG1
14
VREG2
35 CCOMP3
36 VREG6
37 AGND
38 VTUNE
39 AGND
40 AGND
41 VCC3
42 VCC3
34 CCOMP2
33 CCOMP1
32 DGND
31 VREG5
30 CLK/SCL
29 SDI/SDA
TOP VIEW
(Not to Scale)
ADRF6750
NOTES
1. CONNECT EXPOSED PAD TO GROUND PLANE VIA
A LOW IMPEDANCE PATH.
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
11, 55, 56, 41, 42, 1
VCC1 to VCC4
Positive Power Supplies for I/Q Modulator. Apply a 5 V power supply to VCC1, which should be
decoupled with power supply decoupling capacitors. Connect VCC2, VCC3, and VCC4 to the same
5 V power supply.
12
REGOUT
3.3 V Output Supply. Drives VREG1, VREG2, VREG3, VREG4, VREG5, and VREG6.
13, 14, 15, 16, 31,
36
VREG1 to
VREG6
Positive Power Supplies for PLL Synthesizer, VCO, and Serial Port. Connect these pins to REGOUT
(3.3 V) and decouple them separately.
6, 19, 20, 21, 24, 37,
39, 40, 46, 47, 49,
50, 51, 52, 53, 54
AGND
Analog Ground. Connect to a low impedance ground plane.
32
DGND
Digital Ground. Connect to the same low impedance ground plane as the AGND pins.
2, 3
IBBP, IBBN
Differential In-Phase Baseband Inputs. These high impedance inputs must be dc-biased to approx-
imately 500 mV dc and should be driven from a low impedance source. Nominal characterized ac
signal swing is 450 mV p-p on each pin. This results in a differential drive of 0.9 V p-p with a 500 mV
dc bias, resulting in a single sideband output power of approximately −1.6 dBm. These inputs are
not self-biased and must be externally biased.
4, 5
QBBN, QBBP
Differential Quadrature Baseband Inputs. These high impedance inputs must be dc-biased to
approximately 500 mV dc and should be driven from a low impedance source. Nominal charac-
terized ac signal swing is 450 mV p-p on each pin. This results in a differential drive of 0.9 V p-p with
a 500 mV dc bias, resulting in a single sideband output power of approximately −1.6 dBm. These
inputs are not self-biased and must be externally biased.
33, 34, 35
CCOMP1 to
CCOMP3
Internal Compensation Nodes. These pins must be decoupled to ground with a 100 nF capacitor.
38
VTUNE
Control Input to the VCO. This voltage determines the output frequency and is derived from
filtering the CP output voltage.
7
RSET
Charge Pump Current Set. Connecting a resistor between this pin and ground sets the maximum
charge pump output current. The relationship between ICP and RSET is as follows:
SET
CPmax
R
I
5
.
23
=
where RSET = 4.7 kΩ and ICP max = 5 mA.
9
CP
Charge Pump Output. When enabled, this output provides ±ICP to the external loop filter, which, in
turn, drives the internal VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com