Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
ADRF6750
Rev. A | Page 26 of
40
VCO Autocalibration
The VCO uses an autocalibration technique to select the correct
VCO and band, as explained in the Voltage-Controlled Oscillator
(VCO) section. Register CR24, Bit 0, controls whether the auto-
calibration is enabled. For normal operation, autocalibration needs
to be enabled. However, if using cumulative frequency steps of
100 kHz or less, autocalibration can be disabled by setting this
bit to 1 and then a new acquisition is initiated by writing to
Register CR0.
Attenuator
The attenuator can be programmed from 0 dB to 47 dB in steps
of 1 dB. Control is through Register CR30, Bits[5:0].
Revision Readback
The revision of the silicon die can be read back via Register CR33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com