Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
ADRF6750
Rev. A | Page 23 of
40
SPI INTERFACE
The ADRF6750 also supports the SPI protocol. The part powers
up in I2C mode but is not locked in this mode. To stay in I2C
mode, it is recommended that the user tie the CS line to either
3.3 V or GND, thus disabling SPI mode. It is not possible to lock
the I2C mode, but it is possible to select and lock the SPI mode.
To select and lock the SPI mode, three pulses must be sent to the
CS pin, as shown in Figure 67. When the SPI protocol is locked
in, it cannot be unlocked while the device is still powered up. To
reset the serial interface, the part must be powered down and
powered up again.
Serial Interface Selection
The CS pin controls selection of the I2C or SPI interface.
Figure 67 shows the selection process that is required to lock
the SPI mode. To communicate with the part using the SPI
protocol, three pulses must be sent to the CS pin. On the third
rising edge, the part selects and locks the SPI protocol. Consistent
with most SPI standards, the CS pin must be held low during all
SPI communication to the part and held high at all other times.
SPI Serial Interface Functionality
The SPI serial interface of the ADRF6750 consists of the CS,
SDI (SDI/SDA), CLK (CLK/SCL), and SDO pins. CS is used to
select the device when more than one device is connected to the
serial clock and data lines. CLK is used to clock data in and out
of the part. The SDI pin is used to write to the registers. The
SDO pin is a dedicated output for the read mode. The part
operates in slave mode and requires an externally applied serial
clock to the CLK pin. The serial interface is designed to allow
the part to be interfaced to systems that provide a serial clock
that is synchronized to the serial data.
Figure 68 shows an example of a write operation to the ADRF6750.
Data is clocked into the registers on the rising edge of CLK using
a 24-bit write command. The first eight bits represent the write
command 0xD4, the next eight bits are the register address, and
the final eight bits are the data to be written to the specific register.
Figure 69 shows an example of a read operation. In this example,
a shortened 16-bit write command is first used to select the
appropriate register for a read operation, the first eight bits
representing the write command 0xD4 and the final eight bits
representing the specific register. Then the CS line is pulsed low
for a second time to retrieve data from the selected register
using a 16-bit read command, the first eight bits representing
the read command 0xD5 and the final eight bits representing
the contents of the register being read. Figure 3 shows the
timing for both SPI read and SPI write operations.
SPI LOCKED ON
THIRD RISING EDGE
SPI FRAMING
EDGE
C
B
A
SPI LOCKED ON
THIRD RISING EDGE
SPI FRAMING
EDGE
C
B
A
CS
(STARTING
HIGH)
CS
(STARTING
LOW)
Figure 67. Selecting the SPI Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com