Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
ADRF6750
Rev. A | Page 15 of
40
0.1
1
10
100
1k
10k
100k
1M
10M
100M
1G
–50 –25
0
25
50
75
100 125 150 175 200 225 250
TIME (µs)
CR23[3] = 1
CR23[3] = 0
LDET
LDET
ACQUISITION
TO 100Hz
START OF ACQUISITION
ON CR0 WRITE
Figure 35. PLL Frequency Settling Time at Worst-Case Low Frequency
with Lock Detect Shown
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
LO FREQUENCY (MHz)
Figure 36. Attenuator Gain vs. LO Frequency by Gain Code,
All Attenuator Code Steps
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
LO FREQUENCY (MHz)
Figure 37. Attenuator Relative Step Accuracy over all Attenuation Steps
vs. LO Frequency, Nominal Conditions
0
5
10
15
20
25
30
35
40
45
50
–0.8
–1.0
–0.6
–0.4 –0.2
0
ATTENUATOR RELATIVE STEP ACCURACY (dB)
0.2
0.4
0.6
0.8
1.0
NOMINAL
WORST CASE
Figure 38. Attenuator Relative Step Accuracy Distribution at Nominal
and Worst-Case Conditions
0
5
10
15
20
25
30
35
40
45
50
ATTENUATOR RELATIVE STEP ACCURACY ACROSS
FULL OUTPUT FREQUENCY RANGE (dB)
NOMINAL
WORST CASE
Figure 39. Attenuator Relative Step Accuracy Across Full Output
Frequency Range Distribution at Nominal and Worst-Case Conditions
–1.5
–1.3
–0.9
–1.1
–0.7
–0.5
–0.1
–0.3
0.1
0.5
0.3
LO FREQUENCY (MHz)
Figure 40. Attenuator Relative Step Accuracy over all Attenuation Steps
vs. LO Frequency for External VCO Mode, Nominal Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com