Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 24Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 25Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 26Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 27Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 28Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 29Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 30Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 31Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
ADuC7023
Data Sheet
| Page 28 of 96
Table 21. PWM Base Address = 0xFFFF0F80
Address
Name
Byte
Access Type
Default Value
Description
0x0F80
PWMCON1
2
R/W
0x0012
PWM Control Register 1. See the Pulse-Width Modulator section
for full details.
0x0F84
PWM0COM0
2
R/W
0x0000
Compare Register 0 for PWM Output 0 and PWM Output 1.
0x0F88
PWM0COM1
2
R/W
0x0000
Compare Register 1 for PWM Output 0 and PWM Output 1.
0x0F8C
PWM0COM2
2
R/W
0x0000
Compare Register 2 for PWM Output 0 and PWM Output 1.
0x0F90
PWM0LEN
2
R/W
0x0000
Frequency control for PWM Output 0 and PWM Output 1.
0x0F94
PWM1COM0
2
R/W
0x0000
Compare Register 0 for PWM Output 2 and PWM Output 3.
0x0F98
PWM1COM1
2
R/W
0x0000
Compare Register 1 for PWM Output 2 and PWM Output 3.
0x0F9C
PWM1COM2
2
R/W
0x0000
Compare Register 2 for PWM Output 2 and PWM Output 3.
0x0FA0
PWM1LEN
2
R/W
0x0000
Frequency control for PWM Output 2 and PWM Output 3.
0x0FA4
PWM2COM0
2
R/W
0x0000
Compare Register 0 for PWM Output 4 and PWM Output 5.
0x0FA8
PWM2COM1
2
R/W
0x0000
Compare Register 1 for PWM Output 4 and PWM Output 5.
0x0FB8
PWMCLRI
2
W
0x0000
PWM interrupt clear register. Writing any value to this register
clears a PWM interrupt source.
Table 22. GPIO Base Address = 0xFFFFF400
Address
Name
Byte
Access Type
Default Value
Description
0xF400
GP0CON
4
R/W
0x00001111
GPIO Port0 control MMR.
0xF404
GP1CON
4
R/W
0x00000000
GPIO Port1 control MMR.
0xF408
GP2CON
4
R/W
0x00000000
GPIO Port2 control MMR.
0xF420
GP0DAT
4
R/W
0x000000XX
GPIO Port0 data control MMR.
0xF424
GP0SET
4
W
0x000000XX
GPIO Port0 data set MMR.
0xF428
GP0CLR
4
W
0x000000XX
GPIO Port0 data clear MMR.
0xF42C
GP0PAR
4
R/W
0x22220000
GPIO Port0 pull-up disable MMR.
0xF430
GP1DAT
4
R/W
0x000000XX
GPIO Port1 data control MMR.
0xF434
GP1SET
4
W
0x000000XX
GPIO Port1 data set MMR.
0xF438
GP1CLR
4
W
0x000000XX
GPIO Port1 data clear MMR.
0xF43C
GP1PAR
4
R/W
0x22000022
GPIO Port1 pull-up disable MMR.
0xF440
GP2DAT
4
R/W
0x000000XX
GPIO Port2 data control MMR.
0xF444
GP2SET
4
W
0x000000XX
GPIO Port2 data set MMR.
0xF448
GP2CLR
4
W
0x000000XX
GPIO Port2 data clear MMR.
0xF44C
GP2PAR
4
R/W
0x00000000
GPIO Port2 pull-up disable MMR.
Table 23. Flash/EE Base Address = 0xFFFFF800
Address
Name
Byte
Access Type
Default Value
Description
0xF800
FEESTA
1
R
0x20
Flash/EE status MMR.
0xF804
FEEMOD
2
R/W
0x0000
Flash/EE control MMR.
0xF808
FEECON
1
R/W
0x07
Flash/EE control MMR.
0xF80C
FEEDAT
2
R/W
0xXXXX
Flash/EE data MMR.
0xF810
FEEADR
2
R/W
0x0000
Flash/EE address MMR.
0xF818
FEESIGN
3
R
0xFFFFFF
Flash/EE LFSR MMR.
0xF81C
FEEPRO
4
R/W
0x00000000
Flash/EE protection MMR.
0xF820
FEEHIDE
4
R/W
0xFFFFFFFF
Flash/EE protection MMR.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com