Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 4Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 5Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 6Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 7Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 8Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 9Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 10Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 11Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
ADuC7023
Data Sheet
| Page 8 of 96
TIMING SPECIFICATIONS
Table 2. I2C Timing in Fast Mode (400 kHz)
Slave
Master
Parameter
Description
Min
Max
Typ
Unit
tL
SCL low pulse width
200
1360
ns
tH
SCL high pulse width
100
1140
ns
tSHD
Start condition hold time
300
ns
tDSU
Data setup time
100
740
ns
tDHD
Data hold time
0
400
ns
tRSU
Setup time for repeated start
100
ns
tPSU
Stop condition setup time
100
800
ns
tBUF
Bus-free time between a stop condition and a start condition
1.3
μs
tR
Rise time for both SCL and SDA
300
200
ns
tF
Fall time for both SCL and SDA
300
ns
Table 3. I2C Timing in Standard Mode (100 kHz)
Slave
Parameter
Description
Min
Max
Unit
tL
SCL low pulse width
4.7
μs
tH
SCL high pulse width
4.0
ns
tSHD
Start condition hold time
4.0
μs
tDSU
Data setup time
250
ns
tDHD
Data hold time
0
3.45
μs
tRSU
Setup time for repeated start
4.7
μs
tPSU
Stop condition setup time
4.0
μs
tBUF
Bus-free time between a stop condition and a start condition
4.7
μs
tR
Rise time for both SCL and SDA
1
μs
tF
Fall time for both SCL and SDA
300
ns
SDA (I/O)
MSB
LSB
ACK
MSB
1
9
8
2–7
1
PS
S(R)
tR
tF
tRSU
tDSU
tDSU
tPSU
tBUF
tH
tF
tR
tDHD
tDHD
tSHD
tSUP
tL
tSUP
REPEATED
START
START
CONDITION
STOP
CONDITION
SCL (I)
Figure 2. I2C-Compatible Interface Timing
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com