Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 43Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 44Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 45Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 46Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 47Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 48Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 49Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 50Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
Data Sheet
ADuC7023
| Page 47 of 96
Comparator Interface
The comparator interface consists of a 16-bit MMR, CMPCON, which is described in Table 46.
CMPCON Register
Name:
CMPCON
Address:
0xFFFF0444
Default value:
0x0000
Access:
Read/write
Table 46. CMPCON MMR Bit Descriptions
Bit
Value
Name
Description
15 to 11
Reserved.
10
CMPEN
Comparator enable bit.
This bit is set by the user to enable the comparator.
This bit is cleared by the user to disable the comparator.
9 to 8
CMPIN
Comparator negative input select bits.
00
AVDD/2.
01
ADC3 input.
10
DAC0 output.
11
Reserved.
7 to 6
CMPOC
Comparator output configuration bits.
00
Reserved.
01
Reserved.
10
Output on COMPOUT.
11
IRQ.
5
CMPOL
Comparator output logic state bit. When low, the comparator output is high if the positive input (CMP0)
is above the negative input (CMP1). When high, the comparator output is high if the positive input is
below the negative input.
4 to 3
CMPRES
Response time.
00
5 µs response time typical for large signals (2.5 V differential).
17 µs response time typical for small signals (0.65 mV differential).
11
3 µs typical.
01/10
Reserved.
2
CMPHYST
Comparator hysteresis bit.
This bit is set by the user to have a hysteresis of about 7.5 mV.
This bit is cleared by the user to have no hysteresis.
1
CMPORI
Comparator output rising edge interrupt.
This bit is set automatically when a rising edge occurs on the monitored voltage (CMP0).
This bit is cleared by the user by writing a 1 to this bit.
0
CMPOFI
Comparator output rallying edge interrupt.
This bit is set automatically when a falling edge occurs on the monitored voltage (CMP0).
This bit is cleared by user.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com