Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 18Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 19Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 20Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 21Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 22Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 23Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 24Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 25Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
ADuC7023
Data Sheet
| Page 22 of 96
MEMORY ORGANIZATION
The ADuC7023 incorporates two separate blocks of memory:
8 kB of SRAM and 64 kB of on-chip Flash/EE memory; 62 kB of
on-chip Flash/EE memory is available to the user, and the
remaining 2 kB are reserved for the factory configured boot
page. These two blocks are mapped as shown in Figure 16.
RESERVED
MMRs
0xFFFFFFFF
0x0008FFFF
0x00011FFF
0x0000FFFF
0x00000000
0x00010000
0x00080000
0xFFFF0000
RESERVED
FLASH/EE
(FLASH/EE OR SRAM)
REMAPPABLE MEMORY SPACE
SRAM
Figure 16. Physical Memory Map
By default, after a reset, the Flash/EE memory is mirrored at
Address 0x00000000. It is possible to remap the SRAM at
Address 0x00000000 by clearing Bit 0 of the Remap MMR.
This remap function is described in more detail in the Flash/EE
Memory section.
MEMORY ACCESS
The ARM7 core sees memory as a linear array of the 232 byte
location where the different blocks of memory are mapped as
outlined in Figure 16.
The ADuC7023 memory organizations are configured in little
endian format, which means that the least significant byte is
located in the lowest byte address, and the most significant byte
is in the highest byte address.
BIT 31
BYTE 2
A
6
2
.
.
.
BYTE 3
B
7
3
.
.
.
BYTE 1
9
5
1
.
.
.
BYTE 0
8
4
0
.
.
.
BIT 0
32 BITS
0xFFFFFFFF
0x00000004
0x00000000
Figure 17. Little Endian Format
FLASH/EE MEMORY
The total 64 kB of Flash/EE memory is organized as 32k × 16 bits;
31k × 16 bits is user space and 1 k × 16 bits is reserved for the
on-chip kernel. The page size of this Flash/EE memory is 512 bytes.
62 kilobytes of Flash/EE memory are available to the user as
code and nonvolatile data memory. There is no distinction
between data and program because ARM code shares the same
space. The real width of the Flash/EE memory is 16 bits, which
means that in ARM mode (32-bit instruction), two accesses to
the Flash/EE are necessary for each instruction fetch. It is,
therefore, recommended to use Thumb mode when executing
from Flash/EE memory for optimum access speed. The
maximum access speed for the Flash/EE memory is 41.78 MHz
in Thumb mode and 20.89 MHz in full ARM mode. More
details about Flash/EE access time are outlined later in the
Execution Time from SRAM and Flash/EE section.
SRAM
Eight kilobytes of SRAM are available to the user, organized as
2k × 32 bits, that is, two words. ARM code can run directly from
SRAM at 41.78 MHz, given that the SRAM array is configured
as a 32-bit wide memory array. More details about SRAM access
time are outlined later in the Execution Time from SRAM and
Flash/EE section.
MEMORY MAPPED REGISTERS
The memory mapped register (MMR) space is mapped into the
upper two pages of the memory array and accessed by indirect
addressing through the ARM7 banked registers.
The MMR space provides an interface between the CPU and
all on-chip peripherals. All registers, except the core registers,
reside in the MMR area. All shaded locations shown in Figure 18
are unoccupied or reserved locations and should not be
accessed by user software. Table 10 to Table 23 show the full
MMR memory map.
The access time for reading from or writing to an MMR depends
on the advanced microcontroller bus architecture (AMBA) bus
used to access the peripheral. The processor has two AMBA
buses: advanced high performance bus (AHB) used for system
modules and advanced peripheral bus (APB) used for lower
performance peripheral. Access to the AHB is one cycle, and
access to the APB is two cycles. All peripherals on the ADuC7023
are on the APB except the Flash/EE memory and the GPIOs.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com