Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 65Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 66Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 67Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 68Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 69Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 70Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 71Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 72Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
Data Sheet
ADuC7023
| Page 69 of 96
PLAIRQ Register
Name:
PLAIRQ
Address:
0xFFFF0B44
Default value:
0x00000000
Access:
Read/write
Function:
PLAIRQ enables IRQ0 and/or IRQ1 and
selects the source of the IRQ.
Table 79. PLAIRQ MMR Bit Descriptions
Bit
Value
Description
31 to 13
Reserved.
12
PLA IRQ1 enable bit.
11 to 8
0000
PLA Element 0.
0001
PLA Element 1.
0010
PLA Element 2.
0011
PLA Element 3.
0100
PLA Element 4.
0101
PLA Element 5.
0110
PLA Element 6.
0111
PLA Element 7.
1000
PLA Element 8.
1001
PLA Element 9.
1010
PLA Element 10.
1011
PLA Element 11.
1100
PLA Element 12.
1101
PLA Element 13.
1110
PLA Element 14.
1111
PLA Element 15.
7 to 5
Reserved.
4
PLA IRQ0 enable bit.
This bit is set by the user to enable IRQ0
output from PLA.
This bit is cleared by the user to disable
IRQ0 output from PLA.
3 to 0
PLA IRQ0 source.
0000
PLA Element 0.
0001
PLA Element 1.
0010
PLA Element 2.
0011
PLA Element 3.
0100
PLA Element 4.
0101
PLA Element 5.
0110
PLA Element 6.
0111
PLA Element 7.
1xxx
Reserved.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com