Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 46Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 47Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 48Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 49Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 50Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 51Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 52Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 53Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
ADuC7023
Data Sheet
| Page 50 of 96
Table 52. POWCON0 Write Sequence
Name
Code
POWKEY1
0x01
POWCON0
User value
POWKEY2
0xF4
POWKEY3 Register
Name:
POWKEY3
Address:
0xFFFF0434
Default value:
0xXXXX
Access:
Write
Function:
POWKEY3 prevents accidental
programming to POWCON1.
POWKEY4 Register
Name
POWKEY4
Address
0xFFFF043C
Default Value
0xXXXX
Access
Write
Function:
POWKEY4 prevents accidental
programming to POWCON1.
POWCON1 Register
Name:
POWCON1
Address:
0xFFFF0438
Default value:
0x0004
Access:
Read/write
Table 53. POWCON1 MMR Bit Designations
Bit
Value
Name
Description
15 to 9
Reserved.
8
SPIPO
Clearing this bit powers
down the SPI.
7 to 6
SPICLKDIV
SPI block driving clock
divider bits.
00
41.78 MHz.
01
20.89 MHz.
10
10.44 MHz.
11
5.22 MHz.
5
I2C1PO
Clearing this bit powers
down the I2C1.
4 to 3
I2C1CLKDIV
I2C0 block driving clock
divider bits.
00
41.78 MHz.
01
10.44 MHz.
10
5.22 MHz.
11
1.31 MHz.
2
I2C0PO
Clearing this bit powers
down the I2C0.
1 to 0
I2C0CLKDIV
I2C1 block driving clock
divider bits.
00
41.78 MHz.
01
10.44 MHz.
10
5.22 MHz.
11
1.31 MHz.
1
Divided clock for SPI/I2C0/I2C1 must be greater than or equal to the CPU
clock as selected by POWCON0[2:0]
Table 54. POWCON1 Write Sequence
Name
Code
POWKEY3
0x76
POWCON1
User value
POWKEY4
0XB1
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com