Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 28Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 29Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 30Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 31Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 32Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 33Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 34Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 35Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
ADuC7023
Data Sheet
| Page 32 of 96
ADCCN Register
Name:
ADCCN
Address:
0xFFFF0508
Default value:
0x01
Access:
Read/write
Function:
ADCCN is an ADC negative channel
selection register. This MMR is described in
Table 26.
Table 26. ADCCN MMR Bit Designation
Bit
Value
Description
7 to 5
Reserved.
4 to 0
Negative channel selection bits.
00000
ADC0.
00001
ADC1.
00010
ADC2.
00011
ADC3.
00100
ADC4.
00101
ADC5.
00110
ADC6.
00111
ADC7.
01000
ADC8.
01001
ADC9.
01010
ADC10.
01011
Reserved
01100
ADC12.
01101
Reserved
01110
Reserved
01111
DAC1.
10000
Temperature sensor.
10001
AGND (self-diagnostic feature).
10010
Internal reference (self-diagnostic feature).
10011
Reserved
Others
Reserved.
ADCSTA Register
Name:
ADCSTA
Address:
0xFFFF050C
Default Value:
0x00
Access:
Read
Function:
ADCSTA is an ADC status register that
indicates when an ADC conversion result is
ready. The ADCSTA register contains only
one bit, ADCReady (Bit 0), representing
the status of the ADC. This bit is set at the
end of an ADC conversion, generating an
ADC interrupt. It is cleared automatically
by reading the ADCDAT MMR. When the
ADC is performing a conversion, the status
of the ADC can be read externally via the
ADCBUSY pin. This pin is high during a
conversion. When the conversion is
finished, ADCBUSY goes back low. This
information can be available on P0.0 (see
the General-Purpose Input/Output section)
if enabled in the ADCCON register.
ADCDAT Register
Name:
ADCDAT
Address:
0xFFFF0510
Default value:
0x00000000
Access:
Read
Function:
ADCDAT is an ADC data result register.
Hold the 12-bit ADC result as shown in
Figure 22.
ADCRST Register
Name:
ADCRST
Address:
0xFFFF0514
Default Value:
0x00
Access:
Read/write
Function:
ADCRST resets the digital interface of the
ADC. Writing any value to this register
resets all the ADC registers to their
default value.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com