| Electronic Components Datasheet Search |
|
ADuC7023BCPZ62I-R7 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADuC7023BCPZ62I-R7 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 96 page ![]() ADuC7023 Data Sheet | Page 20 of 96 OVERVIEW OF THE ARM7TDMI CORE The ARM7® core is a 32-bit reduced instruction set computer (RISC). It uses a single 32-bit bus for instruction and data. The length of the data can be 8 bits, 16 bits, or 32 bits. The length of the instruction word is 32 bits. The ARM7TDMI is an ARM7 core with four additional features: T support for the thumb (16-bit) instruction set, D support for debug, M support for long multiplications, and I includes the EmbeddedICE module to support embedded system debugging THUMB MODE (T) An ARM instruction is 32 bits long. The ARM7TDMI processor supports a second instruction set that has been compressed into 16 bits, called the Thumb® instruction set. Faster execution from 16-bit memory and greater code density can usually be achieved by using the Thumb instruction set instead of the ARM instruction set, which makes the ARM7TDMI core particularly suitable for embedded applications. However, the Thumb mode has two limitations. Thumb code typically requires more instructions for the same job. As a result, ARM code is usually best for maximizing the performance of time critical code. Also, the Thumb instruction set does not include some of the instructions needed for exception handling, which automatically switches the core to ARM code for exception handling. See the ARM7TDMI user guide for details on the core architecture, the programming model, and both the ARM and ARM Thumb instruction sets. LONG MULTIPLY (M) The ARM7TDMI instruction set includes four extra instruc- tions that perform 32-bit by 32-bit multiplication with a 64-bit result, and 32-bit by 32-bit multiplication-accumulation (MAC) with a 64-bit result. These results are achieved in fewer cycles than required on a standard ARM7 core. EmbeddedICE (I) EmbeddedICE provides integrated on-chip support for the core. The EmbeddedICE module contains the breakpoint and watch- point registers that allow code to be halted for debugging purposes. These registers are controlled through the JTAG test port. When a breakpoint or watchpoint is encountered, the processor halts and enters debug state. Once in a debug state, the processor registers can be inspected as well as the Flash/EE, SRAM, and memory mapped registers. EXCEPTIONS ARM supports five types of exceptions and a privileged processing mode for each type. The five types of exceptions are: • Normal interrupt or IRQ. This is provided to service general-purpose interrupt handling of internal and external events. • Fast interrupt or FIQ. This is provided to service data transfers or communication channels with low latency. FIQ has priority over IRQ. • Memory abort. • Attempted execution of an undefined instruction. • Software interrupt instruction (SWI). This can be used to make a call to an operating system. Typically, the programmer defines interrupt as IRQ, but for higher priority interrupt, that is, faster response time, the programmer can define interrupt as FIQ. ARM REGISTERS ARM7TDMI has a total of 37 registers: 31 general-purpose registers and six status registers. Each operating mode has dedicated banked registers. When writing user-level programs, 15 general-purpose 32-bit registers (R0 to R14), the program counter (R15), and the current program status register (CPSR) are usable. The remaining registers are only used for system-level programming and exception handling. When an exception occurs, some of the standard registers are replaced with registers specific to the exception mode. All excep- tion modes have replacement banked registers for the stack pointer (R13) and the link register (R14) as represented in Figure 15. The fast interrupt mode has more registers (R8 to R12) for fast interrupt processing. This means the interrupt processing can begin without the need to save or restore these registers, and thus save critical time in the interrupt handling process. USABLE IN USER MODE SYSTEM MODES ONLY SPSR_UND SPSR_IRQ SPSR_ABT SPSR_SVC R8_FIQ R9_FIQ R10_FIQ R11_FIQ R12_FIQ R13_FIQ R14_FIQ R13_UND R14_UND R0 R1 R2 R3 R4 R5 R6 R7 R8 R9 R10 R11 R12 R13 R14 R15 (PC) R13_IRQ R14_IRQ R13_ABT R14_ABT R13_SVC R14_SVC SPSR_FIQ CPSR USER MODE FIQ MODE SVC MODE ABORT MODE IRQ MODE UNDEFINED MODE Figure 15. Register Organization Rev. E |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |