Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 10Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 11Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 12Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 13Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 14Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 15Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 16Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 17Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
ADuC7023
Data Sheet
| Page 14 of 96
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD. THE PADDLE NEEDS TO BE SOLDERED AND
EITHER CONNECTED TO AGND OR LEFT FLOATING.
1
AVDD
2
GNDREF
3
DAC0
4
DAC1
5
DAC2
6
DAC3
7
P1.4/ADC10/PLAO[3]
8
P2.0/ADC12/PWM4/PLAI[7]
9
10
P0.5/SDA0/PLAI[1]/COMPOUT
23 RTCK
24 TMS
25 P0.0/nTRST/ADCBUSYPLAI[8]/BM
26 P0.1/PLAI[9]/TDO
27 P0.2/PLAO[8]/TDI
28 P0.3/PLAO[9]/TCK
29 P1.5/ADC6/PWMTRIPINPUT/PLAO[4]
30 P2.2/ADC7/SYNC/PLAO[6]
22 XCLKO
21 XCLKI
ADuC7023
TOP VIEW
(Not to Scale)
P0.4/IRQ0/SCL0/PLAI[0]/CONVSTART
Figure 7. 40-Lead LFCSP Pin Configuration
AVDD
GNDREF
DAC0
DAC1
DAC2
DAC3
P0.5/SDA0/PLAI[1]/COMPOUT
P0.3/PLAO[9]/TCK
P0.2/PLAO[8]/TDI
P0.1/PLAI[9]/TDO
P0.0/nTRST/ADCBUSY/PLAI[8]/BM
TMS
RTCK
XCLKO
XCLKI
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
ADuC7023
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE PADDLE NEEDS TO BE SOLDERED AND
EITHER CONNECTED TO AGND OR LEFT FLOATING.
P0.4/IRQ0/SCL0/PLAI[0]/CONVSTART
Figure 8. 32-Lead LFCSP Pin Configuration
ADuC7023
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
D
E
F
A1
B1
C1
D1
E1
F1
A2
B2
C2
D2
E2
F2
A3
B3
C3
D3
E3
F3
A4
B4
C4
D4
E4
F4
A5
B5
C5
D5
E5
F5
A6
B6
C6
D6
E6
F6
23
4
BALL A1
CORNER
56
Figure 9. 36-Lead WLCSP Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
40-
LFCSP
32-
LFCSP
36-
WLCSP
Mnemonic
Description
0
0
N/A
Exposed Paddle
Exposed Pad. The paddle needs to be soldered and either connected to
AGND or left floating.
36
28
A4
ADC0
Single-Ended or Differential Analog Input 0.
37
29
B4
ADC1
Single-Ended or Differential Analog Input 1.
38
30
A5
ADC2/CMP0
Single-Ended or Differential Analog Input 2/Comparator Positive Input.
39
31
B5
ADC3/CMP1
Single-Ended or Differential Analog Input 3/Comparator Negative Input.
32
N/A
B2
P2.4/ADC9/PLAI[10]
General-Purpose Input and Output Port 2.4/ADC Single-Ended or Dif-
ferential Analog Input/Programmable Logic Array Input Element 10.
By default, this pin is configured as a digital input with a weak pull-up
resistor enabled.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com