Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 76Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 77Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 78Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 79Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 80Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 81Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 82Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 83Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
ADuC7023
Data Sheet
| Page 80 of 96
IRQP0 Register
Name:
IRQP0
Address:
0xFFFF0020
Default value: 0x00000000
Access:
Read and write
Table 92. IRQP0 MMR Bit Designations
Bit
Name
Description
31
Reserved
Reserved bit
30 to 28
PLLPI
A priority level of 0 to 7 can be set for
PLL lock interrupt.
27
Reserved
Reserved bit
26 to 24
ADCPI
A priority level of 0 to 7 can be set for
the ADC interrupt source.
23
Reserved
Reserved bit
22 to 20
FlashPI
A priority level of 0 to 7 can be set for
the Flash controller interrupt source.
19
Reserved
Reserved bit.
18 to 16
T2PI
A priority level of 0 to 7 can be set for
Timer2.
15
Reserved
Reserved bit.
14 to 12
T1PI
A priority level of 0 to 7 can be set for
Timer1.
11
Reserved
Reserved bit.
10 to 8
T0PI
A priority level of 0 to 7 can be set for
Timer0.
7
Reserved
Reserved bit
6 to 4
SWINTP
A priority level of 0 to 7 can be set for
the software interrupt source.
3 to 0
Reserved
Interrupt 0 cannot be prioritized.
IRQP1 Register
Name:
IRQP1
Address:
0xFFFF0024
Default value: 0x00000000
Access:
Read and write
Table 93. IRQP1 MMR Bit Designations
Bit
Name
Description
31
Reserved
Reserved bit.
30 to 28
PSMPI
A priority level of 0 to 7 can be set for
the power supply monitor interrupt
source.
27
Reserved
Reserved bit.
26 to 24
COMPI
A priority level of 0 to 7 can be set for
comparator.
23
Reserved
Reserved bit.
22 to 20
IRQ0PI
A priority level of 0 to 7 can be set for
IRQ0.
19
Reserved
Reserved bit.
Bit
Name
Description
18 to 16
SPIPI
A priority level of 0 to 7 can be set for
SPI.
15
Reserved
Reserved bit.
14 to 12
I2C1SPI
A priority level of 0 to 7 can be set for
I2C1 slave.
11
Reserved
Reserved bit.
10 to 8
I2C1MPI
A priority level of 0 to 7 can be set for
I2C1 master.
7
Reserved
Reserved bits.
6 to 4
I2C0SPI
A priority level of 0 to 7 can be set for
I2C0 slave.
3
Reserved
Reserved bits.
2 to 0
I2C0MPI
A priority level of 0 to 7 can be set for
I2C0 master.
IRQP2 Register
Name:
IRQP2
Address:
0xFFFF0028
Default value: 0x00000000
Access:
Read and write
Table 94. IRQP2 MMR Bit Designations
Bit
Name
Description
31 to 23
Reserved
Reserved bit.
22 to 20
PWMPI
A priority level of 0 to 7 can be set for
PWM.
19
Reserved
Reserved bit.
18 to 16
PLA1PI
A priority level of 0 to 7 can be set for
PLA IRQ1.
15
Reserved
Reserved bit.
14 to 12
IRQ3PI
A priority level of 0 to 7 can be set for
IRQ3.
11
Reserved
Reserved bit.
10 to 8
IRQ2PI
A priority level of 0 to 7 can be set for
IRQ2.
7
Reserved
Reserved bit.
6 to 4
PLA0PI
A priority level of 0 to 7 can be set for
PLA IRQ0.
3
Reserved
Reserved bit.
2 to 0
IRQ1PI
A priority level of 0 to 7 can be set for
IRQ1.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com