Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 68Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 69Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 70Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 71Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 72Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 73Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 74Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 75Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
ADuC7023
Data Sheet
| Page 72 of 96
Table 85. PWMCON1 MMR Bit Designations
Bit
Name
Description
14
SYNC
Enables PWM synchronization.
Set to 1 by the user so that all PWM counters are reset on the next clock edge after the detection of a high-to-low
transition on the P2.2/SYNC pin.
Cleared by the user to ignore transitions on the P2.2/SYNC pin.
13
Reserved
Set to 0 by the user.
12
PWM3INV
Set to 1 by the user to invert PWM3.
Cleared by the user to use PWM3 in normal mode.
11
PWM1INV
Set to 1 by the user to invert PWM1.
Cleared by the user to use PWM1 in normal mode.
10
PWMTRIP
Set to 1 by the user to enable PWM trip interrupt. When the PWM trip input (Pin P1.5/PWMTRIPINPUT) is low, the
PWMEN bit is cleared and an interrupt is generated.
Cleared by the user to disable the PWMTRIP interrupt.
9
ENA
If HOFF = 0 and HMODE = 1. Note that, if not in H-bridge mode, this bit has no effect.
Set to 1 by the user to enable PWM outputs.
Cleared by the user to disable PWM outputs.
If HOFF = 1 and HMODE = 1, see Table 86.
8 to 6
PWMCP[2:0]
PWM clock prescaler bits. Sets the UCLK divider.
[000] = UCLK/2.
[001] = UCLK/4.
[010] = UCLK/8.
[011] = UCLK/16.
[100] = UCLK/32.
[101] = UCLK/64.
[110] = UCLK/128.
[111] = UCLK/256.
5
POINV
Set to 1 by the user to invert all PWM outputs.
Cleared by the user to use PWM outputs as normal.
4
HOFF
High side off.
Set to 1 by the user to force PWM0 and PWM2 outputs high. This also forces PWM1 and PWM3 low.
Cleared by the user to use the PWM outputs as normal.
3
LCOMP
Load compare registers.
Set to 1 by the user to load the internal compare registers with the values in PWMxCOMx on the next transition of
the PWM timer from 0x00 to 0x01.
Cleared by the user to use the values previously stored in the internal compare registers.
2
DIR
Direction control.
Set to 1 by the user to enable PWM0 and PWM1 as the output signals while PWM2 and PWM3 are held low.
Cleared by the user to enable PWM2 and PWM3 as the output signals while PWM0 and PWM1 are held low.
1
HMODE
Enables H-bridge mode.1
Set to 1 by the user to enable H-bridge mode.
Cleared by the user to operate the PWMs in standard mode.
0
PWMEN
Set to 1 by the user to enable all PWM outputs.
Cleared by the user to disable all PWM outputs.
1 In H-bridge mode, HMODE = 1. See Table 86 to determine the PWM outputs.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com