Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADuC7023BCPZ62I-R7 Datasheet HTML 1Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 2Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 3Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 4Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 5Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 6Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 7Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 8Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
Data Sheet
ADuC7023
| Page 5 of 96
SPECIFICATIONS
AVDD = IOVDD = 2.7 V to 3.6 V, VREF = 2.5 V internal reference, fCORE = 41.78 MHz, TA = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATIONS
Eight acquisition clocks and fADC/2
ADC Power-Up Time
5
μs
DC Accuracy1, 2
Resolution
12
Bits
Integral Nonlinearity
±0.6
±1.5
LSB
2.5 V internal reference
±1.0
LSB
1.0 V external reference
Differential Nonlinearity3, 4
±0.5
+1/−0.9
LSB
2.5 V internal reference
+0.7/−0.6
LSB
1.0 V external reference
DC Code Distribution
1
LSB
ADC input is a dc voltage
ENDPOINT ERRORS5
Offset Error
±1
±2
LSB
Offset Error Match
±1
LSB
Gain Error
±2
LSB
Gain Error Match
±1
LSB
DYNAMIC PERFORMANCE
fIN = 10 kHz sine wave, fSAMPLE = 1 MSPS
Signal-to-Noise Ratio (SNR)
69
dB
Includes distortion and noise components
Total Harmonic Distortion (THD)
−78
dB
Peak Harmonic or Spurious Noise
−75
dB
Channel-to-Channel Crosstalk
−80
dB
Measured on adjacent channels
ANALOG INPUT
Input Voltage Ranges
Differential Mode
VCM ± VREF/26
V
Single-Ended Mode
0 to VREF
V
Leakage Current
±1
±6
µA
Input Capacitance
20
pF
During ADC acquisition
ON-CHIP VOLTAGE REFERENCE
0.47 µF from VREF to AGND
Output Voltage
2.5
V
Accuracy
±4
mV
TA = 25°C
Reference Temperature Coefficient
±15
ppm/°C
Power Supply Rejection Ratio
75
dB
Output Impedance
51
Ω
TA = 25°C
Internal VREF Power-On Time
1
ms
EXTERNAL REFERENCE INPUT
Input Voltage Range
0.625
AVDD
V
DAC CHANNEL SPECIFICATIONS
DC Accuracy7
RL = 5 kΩ, CL = 100 pF
Resolution
12
Bits
Relative Accuracy
±2
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
Offset Error
±15
mV
2.5 V internal reference
Gain Error8
±1
%
Gain Error Mismatch
0.1
%
% of full scale on DAC0
DC Accuracy9
RL = 1 kΩ, CL = 100 pF
Resolution
12
Bits
Relative Accuracy
±2.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
Offset Error
±15
mV
2.5 V internal reference
Gain Error10
±1
%
Gain Error Mismatch
0.1
%
% of full scale on DAC0
ANALOG OUTPUTS
Output Voltage Range 1
0 to 2.5
V
VREF range: AGND to AVDD
Output Voltage Range 2
0 to AVDD
V
Output Impedance
2
Ω
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com