Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 30Page - Analog Devices ADE7978 Datasheet HTML 31Page - Analog Devices ADE7978 Datasheet HTML 32Page - Analog Devices ADE7978 Datasheet HTML 33Page - Analog Devices ADE7978 Datasheet HTML 34Page - Analog Devices ADE7978 Datasheet HTML 35Page - Analog Devices ADE7978 Datasheet HTML 36Page - Analog Devices ADE7978 Datasheet HTML 37Page - Analog Devices ADE7978 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 34 of 120
Current Channel HPF
The ADC outputs may contain a dc offset that can create errors in
power and rms calculations. High-pass filters (HPFs) are placed
in the signal path of the phase and neutral currents and in the
signal path of the phase voltages. When the HPF is enabled, the
filter eliminates any dc offset on the current channel. All filters
in both current and voltage channels are implemented in the DSP
and are enabled by default: Bit 4 (HPFEN) of the CONFIG register
(Address 0xE618) is set to 1. All filters are disabled by setting
Bit 4 (HPFEN) to 0.
Current Channel Sampling
The waveform samples of the current channel are taken at the
output of the HPF and stored in the 24-bit signed IAWV, IBWV,
ICWV, and INWV registers at a rate of 8 kSPS. All power and
rms calculations remain uninterrupted during this process.
Bit 17 (DREADY) in the STATUS0 register (Address 0xE502) is
set when the IAWV, IBWV, ICWV, and INWV registers are avail-
able to be read using the I2C or SPI serial port. Setting Bit 17
(DREADY) in the MASK0 register (Address 0xE50A) enables
an interrupt to be set when the DREADY flag is set. For more
information about the DREADY bit, see the Digital Signal
Processor section.
In addition, if Bits[1:0] (ZX_DREADY) in the CONFIG register
are set to 00, the DREADY functionality is selected at the
ZX/DREADY pin. In this case, the pin goes low approximately
70 ns after the DREADY bit is set to 1 in the STATUS0 register.
The ZX/DREADY pin stays low for 10 µs and then returns high.
The low to high transition of the ZX/DREADY pin can be used
to initiate a burst read of the waveform sample registers. For more
information, see the I2C Burst Read Operation and the SPI Burst
Read Operation sections.
For information about using the ZX functionality at the
ZX/DREADY pin (ZX_DREADY bits in the CONFIG register
are set to 01, 10, or 11), see the Zero-Crossing Detection section.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. When the
24-bit signed IAWV, IBWV, ICWV, and INWV registers are
read from the ADE7978, they are transmitted as sign extended
32-bit registers (see Figure 45).
31
24 23
22
0
24-BIT SIGNED NUMBER
BITS[31:24] ARE
EQUAL TO BIT 23
BIT 23 IS A SIGN BIT
Figure 45. 24-Bit IxWV Register Transmitted as a 32-Bit Signed Word
The ADE7978 contains a high speed data capture (HSDC) port
that is specially designed to provide fast access to the waveform
sample registers. For more information, see the HSDC Interface
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com