Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 81 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 81 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 77Page - Analog Devices ADE7978 Datasheet HTML 78Page - Analog Devices ADE7978 Datasheet HTML 79Page - Analog Devices ADE7978 Datasheet HTML 80Page - Analog Devices ADE7978 Datasheet HTML 81Page - Analog Devices ADE7978 Datasheet HTML 82Page - Analog Devices ADE7978 Datasheet HTML 83Page - Analog Devices ADE7978 Datasheet HTML 84Page - Analog Devices ADE7978 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 81 of 120
ADE7978/ADE7933/ADE7932 CHIPSET
SOFTWARE RESET
Bit 7 (SWRST) in the CONFIG register (Address 0xE618)
manages the software reset functionality of the ADE7978 and
ADE7933/ADE7932 devices. The default value of this bit is 0. If
this bit is set to 1, the ADE7978 and ADE7933/ADE7932 devices
enter the software reset state. In this state, all internal registers are
reset to their default values. However, the serial port selection,
I2C or SPI, remains unchanged if the lock-in procedure was
executed before the reset (see the Serial Interface Selection
section for more information).
The ADE7978 signals the end of the reset by pulling the IRQ1
interrupt pin low and setting Bit 15 (RSTDONE) in the STATUS1
register (Address 0xE503) to 1. This bit is set to 0 during the reset
and is set to 1 when the reset ends. Write a 1 to the RSTDONE
status bit to clear the bit; the IRQ1 pin returns high.
After a software reset, all registers in the ADE7978 are reset to
their default values, the DSP is in idle mode, and Bit 7 (SWRST)
is cleared to 0. Reinitialize all ADE7978 registers, enable the
DSP RAM write protection, and start the DSP, as described in
the Initializing the Chipset section (Step 5 to Step 12). For more
information about data memory RAM protection and the run
register, see the Digital Signal Processor section.
During a software reset of the ADE7978, the ADE7978 resets
the ADE7933/ADE7932 devices while continuing to generate
the clock at the CLKOUT pin. The ADE7978 RESET_EN pin
goes low, and the VT_A, VT_B, VT_C, and VT_N pins toggle
eight times from high to low at a frequency of 4.096 MHz
(CLKIN/4). The RESET_EN, VT_A, VT_B, VT_C, and VT_N
pins are then taken high, and the reset ends.
ADE7933/ADE7932 SOFTWARE RESET
To reset only the ADE7933/ADE7932 devices without resetting
the ADE7978, use Bit 7 (ADE7933_SWRST) in the CONFIG3
register (Address 0xE708). This bit resets the ADE7933/
ADE7932 devices by setting the RESET_EN pin low and
toggling the VT_A, VT_B, VT_C, and VT_N pins from high to
low eight times at 4.096 MHz (CLKIN/4). When the reset ends,
the ADE7933_SWRST bit is cleared to 0.
The recommended procedure to perform a software reset of the
ADE7933/ADE7932 devices only is as follows:
1. Write to the CONFIG3 register with Bit 7 (ADE7933_
SWRST) set to 1.
2. Read back the CONFIG3 register until Bit 7 reads as 0,
indicating that the reset has ended.
LOW POWER MODE
Under certain conditions, it may be desirable to lower the
current consumption of the chipset; in this case, the ADE7978
and ADE7933/ADE7932 can be set to a low power mode.
To enter low power mode, set Bit 6 (CLKOUT_DIS) and Bit 7
(ADE7933_SWRST) in the CONFIG3 register (Address 0xE708)
to 1. The ADE7978 stops generating the clock to the ADE7933/
ADE7932 devices and places them in the reset state.
To exit the low power mode, clear Bit 6 (CLKOUT_DIS) and
Bit 7 (ADE7933_SWRST) in the CONFIG3 register to 0. During
low power mode, the ADE7978 registers maintain their config-
urations, so they do not need to be reinitialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com