Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 58 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 54Page - Analog Devices ADE7978 Datasheet HTML 55Page - Analog Devices ADE7978 Datasheet HTML 56Page - Analog Devices ADE7978 Datasheet HTML 57Page - Analog Devices ADE7978 Datasheet HTML 58Page - Analog Devices ADE7978 Datasheet HTML 59Page - Analog Devices ADE7978 Datasheet HTML 60Page - Analog Devices ADE7978 Datasheet HTML 61Page - Analog Devices ADE7978 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 58 of 120
REACTIVE POWER CALCULATION
The ADE7978 can compute the total reactive power on every
phase. The calculation of total reactive power includes all funda-
mental and harmonic components of the voltages and currents.
The ADE7978 also computes the fundamental reactive power,
that is, the power determined only by the fundamental components
of the voltages and currents.
TOTAL REACTIVE POWER CALCULATION
A load that contains a reactive element (inductor or capacitor)
produces a phase difference between the applied ac voltage and
the resulting current. The power associated with reactive elements
is called reactive power, and its unit is VAR. Reactive power is
defined as the product of the voltage and current waveforms
when all harmonic components of one of these signals are phase
shifted by 90°.
The total reactive power is equal to
∑
∞
=
=
1
k
k
k I
V
Q
sin(φk − γk)
(35)
where:
Vk, Ik are the rms voltage and current, respectively, of each
harmonic.
φk, γk are the phase delays of each harmonic.
This relationship is used to calculate the total reactive power in
the ADE7978 for each phase. The instantaneous reactive power
signal is generated by multiplying each harmonic of the voltage
signals by the corresponding 90° phase-shifted harmonic of the
current in each phase.
The ADE7978 stores the instantaneous total phase reactive powers
in the AVAR, BVAR, and CVAR registers (Address 0xE51B to
Address 0xE51D). The instantaneous total phase reactive powers
are expressed by
∑
∞
=
×
×
=
1
k
FS
k
FS
k
I
I
V
V
xVAR
sin(φk − γk) × PMAX ×
4
2
1
(36)
where:
VFS and IFS are the rms values of the phase voltage and current
when the ADC inputs are at full scale.
PMAX = 26,991,271, the instantaneous power computed when
the ADC inputs are at full scale and in phase.
The xVAR[23:0] waveform registers can be accessed using
any of the serial port interfaces. For more information, see
the Waveform Sampling Mode section.
FUNDAMENTAL REACTIVE POWER CALCULATION
The expression of fundamental reactive power is obtained from
Equation 35 with k = 1, as follows:
FQ = V1I1 sin(φ1 − γ1)
The ADE7978 computes the fundamental reactive power using a
proprietary algorithm that requires initialization of the network
frequency and of the nominal voltage measured in the voltage
channel. The required initialization is the same as for the funda-
mental active powers and is described in the Fundamental Active
Power Calculation section.
Table 23 provides the settling time for the fundamental reactive
power measurement. The settling time is the time required for
the power to reflect the value at the input of the ADE7978.
Table 23. Settling Time for Fundamental Reactive Power
Input Signal
Settling Time (ms)
63% PMAX
375
100% PMAX
875
REACTIVE POWER GAIN CALIBRATION
The average reactive power in each phase can be scaled by ±100%
by writing to the 24-bit VAR gain register for each phase: APGAIN,
BPGAIN, or CPGAIN (Address 0x4399 to Address 0x439B). The
same registers are used to compensate the other powers computed
by the ADE7978. For more information about these registers,
see the Active Power Gain Calibration section.
REACTIVE POWER OFFSET CALIBRATION
The ADE7978 includes a 24-bit reactive power offset register for
each phase and each reactive power. The AVAROS, BVAROS,
and CVAROS registers (Address 0x439F to Address 0x43A1)
compensate offsets in the total reactive power calculations. The
AFVAROS, BFVAROS, and CFVAROS registers (Address 0x43A6
to Address 0x43A8) compensate offsets in the fundamental reactive
power calculations. These signed twos complement registers are
used to remove offsets in the reactive power calculations.
An offset can exist in the power calculation due to crosstalk
between channels on the PCB or in the chip itself. One LSB in
the reactive power offset register is equivalent to 1 LSB in the
reactive power multiplier output. With full-scale current and
voltage inputs, the LPF2 output is PMAX = 26,991,271. At
−80 dB down from full scale (active power scaled down 104
times), one LSB of the reactive power offset register represents
0.037% of PMAX.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. Like the
xIGAIN registers shown in Figure 44, the 24-bit xVAROS and
xFVAROS registers are sign extended to 28 bits and padded
with four 0s for transmission as 32-bit registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com