Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 32Page - Analog Devices ADE7978 Datasheet HTML 33Page - Analog Devices ADE7978 Datasheet HTML 34Page - Analog Devices ADE7978 Datasheet HTML 35Page - Analog Devices ADE7978 Datasheet HTML 36Page - Analog Devices ADE7978 Datasheet HTML 37Page - Analog Devices ADE7978 Datasheet HTML 38Page - Analog Devices ADE7978 Datasheet HTML 39Page - Analog Devices ADE7978 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 36 of 120
Second Voltage Channel and Temperature Measurement
Figure 48 shows the ADC and signal processing chain for the
Input VA2 in the voltage channel (ADE7933 only). The VB2,
VC2, and VN2 channels have similar processing chains. The
V2P input pin of the ADE7933/ADE7932 is multiplexed with a
temperature sensor. On the ADE7932, the Vx2 channel is not
available, and the V2P pin must be connected to the VM pin.
On the ADE7933, if no voltage is monitored at the V2P pin,
connect the V2P pin to the VM pin.
On the ADE7933/ADE7932, the selection of the second voltage
channel or the temperature sensor is based on the state of the
V2/TEMP pin. Connect the V2/TEMP pin of the ADE7933/
ADE7932 to the appropriate pin of the ADE7978 (see Figure 1
and Table 15).
Table 15. Connecting the ADE7933/ADE7932 V2/TEMP Pin
to the ADE7978
ADE7933/ADE7932
MonitorsThis Phase
V2/TEMP Pin of the ADE7933/ADE7932
Connected to This Pin on the ADE7978
Phase A
VT_A
Phase B
VT_B
Phase C
VT_C
Phase N
VT_N
Although the Vx2 channel is not available on the ADE7932,
the V2/TEMP pin must still be connected to the corresponding
VT_A, VT_B, VT_C, or VT_N pin of the ADE7978.
The V2/TEMP pin is also used during the reset procedure
of the ADE7933/ADE7932 (see the Hardware Reset section).
On the ADE7978, the selection of the second voltage channel
or the temperature sensor is based on Bits[3:0] (VN2_EN,
VC2_EN, VB2_EN, and VA2_EN) in the CONFIG3 register
(Address 0xE708). When these bits are set to 1 (the default value),
the VT_A, VT_B, VT_C, and VT_N pins are set high, and VA2,
VB2, VC2, and VN2 are measured. When the bits are cleared to
0, the VT_A, VT_B, VT_C, and VT_N pins are set low, and the
temperature sensors of each ADE7933/ADE7932 are measured.
This is true even on the ADE7932 where the temperature sensor
is always measured.
+0.5V
ANALOG INPUT RANGE
0V
–0.5V
0x512D40 =
+5,320,000
VOLTAGE CHANNEL DATA RANGE
WHEN V2P IS SELECTED
ADC OUTPUT RANGE
0V
0xFFAED2C0 =
–5,320,000
AV2GAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
VOLTAGE RMS (AV2RMS)
CALCULATION
VA2WV WAVEFORM
SAMPLE REGISTER
REFERENCE
PHASE A
ADE7933
Σ-Δ
MODULATOR
V2P
VIN
VM
DIGITAL
LPF
BIT 0 (VA2_EN) IN
CONFIG3 REGISTER
SET TO 1
ADE7978
TEMPERATURE
SENSOR
VT_A
VIN
Figure 48. Phase A V2P Channel Datapath (ADE7933 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com