Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 82 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 78Page - Analog Devices ADE7978 Datasheet HTML 79Page - Analog Devices ADE7978 Datasheet HTML 80Page - Analog Devices ADE7978 Datasheet HTML 81Page - Analog Devices ADE7978 Datasheet HTML 82Page - Analog Devices ADE7978 Datasheet HTML 83Page - Analog Devices ADE7978 Datasheet HTML 84Page - Analog Devices ADE7978 Datasheet HTML 85Page - Analog Devices ADE7978 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 82 of 120
APPLICATIONS INFORMATION
The ADE7978 and ADE7933/ADE7932 chipset was designed
for use in 3-phase energy metering systems in which one master
device, usually a microcontroller, manages the ADE7978
through an I2C or SPI interface. The ADE7978 then manages
two, three, or four ADE7933/ADE7932 devices.
The ADE7978 is not the only chip capable of managing
multiple ADE7933/ADE7932 devices. Any microcontroller
that conforms to the ADE7933/ADE7932 serial interface can
manage the devices correctly. (For more information, see the Bit
Stream Communication Between the ADE7978 and the
ADE7933/ADE7932 section). However, similar devices, such as
the ADE7913/ADE7912 3-channel, isolated, Σ-Δ ADCs with an
SPI interface, may be more suitable for direct interfacing with a
microcontroller. For more information about the ADE7913/
ADE7912 ADCs, see the product pages for these devices.
Figure 101 shows Phase A of a 3-phase energy meter. The Phase A
current, IA, is sensed with a shunt. A pole of the shunt is connected
to the IM pin of the ADE7933/ADE7932 and becomes the ground
of the isolated side of the ADE7933/ADE7932, GNDISO. The
Phase A to neutral voltage, VAN, is sensed with a resistor divider,
and the VM pin is also connected to the IM and GNDISO pins.
Note that the voltages measured by the ADCs of the ADE7933/
ADE7932 are opposite to VAN and IA, a classic approach in single-
phase metering. The other ADE7933/ADE7932 devices, which
monitor Phase B and Phase C, are connected in a similar way.
NEUTRAL PHASE A
PHASE A
ADE7932/
ADE7933
IP
IM
GNDISO
V1P
VM
IA
VAN
Figure 101. Phase A ADE7933/ADE7932 Current and Voltage Sensing
Figure 102 shows how to connect the ADE7933/ADE7932
inputs when the neutral line of a 3-phase system is monitored.
The neutral current is sensed using a shunt, and the voltage
across the shunt is measured at the fully differential inputs IP
and IM. The neutral to earth voltage is sensed with a voltage
divider at the single-ended inputs V1P and VM.
NEUTRAL
EARTH
NEUTRAL LINE
ADE7932/
ADE7933
IP
IM
V1P
VM
GNDISO
IN
VN
Figure 102. Neutral Line and Neutral to Earth Voltage Monitoring
with the ADE7933/ADE7932
ADE7978 AND ADE7933/ADE7932 IN POLYPHASE
ENERGY METERS
A polyphase energy meter must manage three phases and an
optional neutral line. Figure 103 shows an example of a 3-phase
meter built for a 4-wire wye configuration. Three ADE7933/
ADE7932 devices read the phase currents and voltages. The
fourth ADE7933/ADE7932 manages the neutral line measure-
ments. If the neutral line measurements are not required, only
three ADE7933/ADE7932 devices are used (see Figure 104); in
this configuration, the DATA_N pin of the ADE7978 is
connected to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com