Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 15 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 11Page - Analog Devices ADE7978 Datasheet HTML 12Page - Analog Devices ADE7978 Datasheet HTML 13Page - Analog Devices ADE7978 Datasheet HTML 14Page - Analog Devices ADE7978 Datasheet HTML 15Page - Analog Devices ADE7978 Datasheet HTML 16Page - Analog Devices ADE7978 Datasheet HTML 17Page - Analog Devices ADE7978 Datasheet HTML 18Page - Analog Devices ADE7978 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 15 of 120
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 Insulation Characteristics
The ADE7933/ADE7932 are suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is
ensured by the protective circuits.
Table 9.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 400 V rms
I to III
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
846
V peak
Input-to-Output Test Voltage, Method B1
VIORM × 1.875 = Vpd(m), 100% production test,
tini = tm = 1 sec, partial discharge < 5 pC
Vpd(m)
1592
V peak
Input-to-Output Test Voltage, Method A
Vpd(m)
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd(m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
1273
V peak
After Input and/or Safety Tests Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd(m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
1018
V peak
Highest Allowable Overvoltage
VIOTM
6000
V peak
Surge Isolation Voltage
VPEAK = 10 kV; 1.2 µs rise time; 50 µs, 50% fall time
VIOSM
6000
V peak
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 9)
Maximum Junction Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
2.78
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
3.0
0
0.5
1.0
1.5
2.0
2.5
0
200
150
100
50
AMBIENT TEMPERATURE (ºC)
Figure 9. Thermal Derating Curve, Dependence of Safety Limiting Values on Case Temperature, per DIN EN 60747-5-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com