Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 76 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 72Page - Analog Devices ADE7978 Datasheet HTML 73Page - Analog Devices ADE7978 Datasheet HTML 74Page - Analog Devices ADE7978 Datasheet HTML 75Page - Analog Devices ADE7978 Datasheet HTML 76Page - Analog Devices ADE7978 Datasheet HTML 77Page - Analog Devices ADE7978 Datasheet HTML 78Page - Analog Devices ADE7978 Datasheet HTML 79Page - Analog Devices ADE7978 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 76 of 120
USING THE INTERRUPTS WITH AN MCU
Figure 93 shows a timing diagram for a suggested implemen-
tation of ADE7978 interrupt management using an MCU. At
Time t1, the IRQx pin goes low, indicating that one or more
interrupt events have occurred in the ADE7978. After the
IRQx pin goes low, the following steps take place:
1.
Tie the IRQx pin to a negative edge triggered external
interrupt on the MCU.
2.
Configure the MCU to start executing its interrupt service
routine (ISR) when it detects the negative edge.
3.
When the MCU starts executing the ISR, disable all
interrupts using the global interrupt mask bit. The MCU
external interrupt flag can now be cleared to capture
interrupt events that occur during the current ISR.
4.
When the MCU interrupt flag is cleared, read STATUSx,
the interrupt status register. The interrupt status register
contents are used to determine the source of the interrupts
and, therefore, the appropriate action to take.
5.
Write back the same STATUSx contents to the ADE7978 to
clear the status flags and reset the IRQx line to logic high (t2).
If a subsequent interrupt event occurs during the ISR (t3), that event
is indicated by the MCU external interrupt flag being set again.
On returning from the ISR, the global interrupt mask bit is
cleared in the same instruction cycle, and the external interrupt
flag uses the MCU to jump to its ISR again. This action ensures
that the MCU does not miss any external interrupts.
Figure 94 shows a recommended timing diagram when the
status bits in the STATUSx registers work in conjunction with
bits in other registers. When the IRQx pin goes low, the STATUSx
register is read, and if one of these bits is set to 1, a second status
register is read immediately to identify the phase that triggered
the interrupt. In Figure 94, PHx denotes the PHNOLOAD,
PHSTATUS, IPEAK, VPEAK, or PHSIGN register. After reading
the PHx register, the STATUSx register is written back to clear
the status flags.
JUMP
TO ISR
GLOBAL
INTERRUPT
MASK
CLEAR MCU
INTERRUPT
FLAG
READ
STATUSx
JUMP
TO ISR
WRITE
BACK
STATUSx
ISR ACTION
(BASED ON STATUSx CONTENTS)
ISR RETURN
GLOBAL INTERRUPT
MASK RESET
MCU
INTERRUPT
FLAG SET
PROGRAM
SEQUENCE
t2
t1
t3
IRQx
Figure 93. Interrupt Management
PROGRAM
SEQUENCE
IRQx
JUMP
TO ISR
GLOBAL
INTERRUPT
MASK
CLEAR MCU
INTERRUPT
FLAG
READ
STATUSx
READ
PHx
JUMP
TO ISR
WRITE
BACK
STATUSx
ISR ACTION
(BASED ON STATUSx CONTENTS)
ISR RETURN
GLOBAL INTERRUPT
MASK RESET
MCU
INTERRUPT
FLAG SET
t2
t1
t3
Figure 94. Interrupt Management When PHSTATUS, IPEAK, VPEAK, or PHSIGN Register Is Involved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com