Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 90 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 86Page - Analog Devices ADE7978 Datasheet HTML 87Page - Analog Devices ADE7978 Datasheet HTML 88Page - Analog Devices ADE7978 Datasheet HTML 89Page - Analog Devices ADE7978 Datasheet HTML 90Page - Analog Devices ADE7978 Datasheet HTML 91Page - Analog Devices ADE7978 Datasheet HTML 92Page - Analog Devices ADE7978 Datasheet HTML 93Page - Analog Devices ADE7978 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 90 of 120
If 4-layer PCBs are used, additional stitching capacitors can
be created. The top and bottom layers remain unchanged (see
Figure 113 and Figure 114). Layer 2 of the 4-layer PCB replicates
the bottom layer, extending the ground of the primary side below
the ADE7933 and the related circuitry. Layer 3 replicates the
ground plane of the top layer.
Figure 115 shows the structure of the stitching capacitors
created by a 4-layer PCB. The isolated ground plane of the top
layer creates the 10 pF capacitor (C12) with the primary side
ground plane placed on Layer 2. In a similar manner, the 400 pF
capacitor (C23) is created between Layer 2 and Layer 3.
These capacitances play an important role in reducing the
emissions generated by the ADE7933/ADE7932 dc-to-dc
converter.
ADE7978 AND ADE7933/ADE7932 EVALUATION
BOARD
An evaluation board built upon the ADE7978 and ADE7933
chipset configuration is available (see the Ordering Guide). This
board is used in conjunction with the system demonstration
platform (EVAL-SDP-CB1Z). Order both the ADE7978/
ADE7933 evaluation board and the system demonstration
platform to evaluate the ADE7978 and ADE7933. For more
information, see the ADE7978 product page.
ADE7978 DIE VERSION
The version register identifies the version of the ADE7978 die.
This 8-bit, read-only register is located at Address 0xE707.
ADE7932/ADE7933
PRIMARY SIDE GROUND
PLANE ON TOP LAYER
ISOLATED SIDE GROUND
PLANE ON TOP LAYER
PRIMARY SIDE GROUND
PLANE ON LAYER 2
ISOLATED SIDE GROUND
PLANE ON LAYER 3
PRIMARY SIDE GROUND
PLANE ON BOTTOM LAYER
28MILS = 0.7112mm
4MILS = 0.1016mm
28MILS = 0.7112mm
C12
C23
8mm
1mm
Figure 115. Stitching Capacitors Created by 4-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com