Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 86 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 82Page - Analog Devices ADE7978 Datasheet HTML 83Page - Analog Devices ADE7978 Datasheet HTML 84Page - Analog Devices ADE7978 Datasheet HTML 85Page - Analog Devices ADE7978 Datasheet HTML 86Page - Analog Devices ADE7978 Datasheet HTML 87Page - Analog Devices ADE7978 Datasheet HTML 88Page - Analog Devices ADE7978 Datasheet HTML 89Page - Analog Devices ADE7978 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 86 of 120
BIT STREAM COMMUNICATION BETWEEN THE
ADE7978 AND THE ADE7933/ADE7932
The ADE7978 extracts information from the ADE7933/
ADE7932 devices of the system using the bit stream communica-
tion shown in Figure 107. The ADE7978 generates a 1.024 MHz
clock signal at the SYNC pin. This clock signal is equal to 1/16
of the ADE7978 internal clock, CLKIN (CLKIN/16 = 1.024 MHz
for XTALIN = 16.384 MHz) and one-fourth of the ADE7933/
ADE7932 XTAL1 clock (CLKIN/4). The duty cycle of this clock
is 25%.
The low to high transition of SYNC is generated one-fourth of
a cycle before a high to low transition of the CLKIN/4 clock.
SYNC stays high for one CLKIN/4 cycle and stays low for the
rest of the period.
After the first high to low transition of SYNC, the ADE7978
CLKIN/4 transitions from high to low four times. At each high
to low transition of CLKIN/4, the ADE7933/ADE7932 devices
place these bits on the DATA pin: the bits coming from the first
stage of the ADCs and the bits of the temperature offset stored
in the ADE7933/ADE7932 devices. The order of the bits on the
Phase A ADE7933/ADE7932 is VA bit, VA2 bit, temperature
offset bit, and IA bit. The other ADE7933/ADE7932 devices
follow the same pattern. The ADE7978 receives these bits at its
DATA_A, DATA_B, DATA_C, and DATA_N pins. The process is
repeated when a new high to low transition takes place on SYNC.
The delimiters identifying the 8-bit signed number representing
the temperature offset are shown in Figure 108.
Any master device that can generate a 1.024 MHz SYNC signal
like the one shown in Figure 107 and can filter the bit streams
coming from the DATA pins of the ADE7933/ADE7932 devices
can replace the ADE7978.
ADE7978
CLKIN/4
SYNC
DATA_A
DATA_B
DATA_C
DATA_N
IA BIT
VA BIT
VA2 BIT
TEMP OFFSET
IB BIT
VB BIT
VB2 BIT
TEMP OFFSET
IC BIT
VC BIT
VC2 BIT
TEMP OFFSET
IN BIT
VN1 BIT
VN2 BIT
TEMP OFFSET
IA BIT
IB BIT
IC BIT
IN BIT
Figure 107. Bit Stream Communication Between the ADE7978 and the ADE7933/ADE7932 Devices
BIT 7
BIT 6
BIT 5
BIT 4
1
1
0
0
0
0
0
BIT 3
BIT 2
BIT 1
BIT 0
4 LEAST SIGNIFICANT
BITS OF TEMPERATURE
OFFSET
4 MOST SIGNIFICANT
BITS OF TEMPERATURE
OFFSET
1
Figure 108. Temperature Offset Bit Stream Communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com