Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 13Page - Analog Devices ADE7978 Datasheet HTML 14Page - Analog Devices ADE7978 Datasheet HTML 15Page - Analog Devices ADE7978 Datasheet HTML 16Page - Analog Devices ADE7978 Datasheet HTML 17Page - Analog Devices ADE7978 Datasheet HTML 18Page - Analog Devices ADE7978 Datasheet HTML 19Page - Analog Devices ADE7978 Datasheet HTML 20Page - Analog Devices ADE7978 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 17 of 120
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
VT_B
2
DATA_B
3
RESET_EN
4
CLKOUT
5
SYNC
6
VT_C
7
DATA_C
17 SCLK/SCL
18 MISO/HSD
19 MOSI/SDA
20 GND
21 VDD
16 SS/HSA
15 CF3/HSCLK
ADE7978
TOP VIEW
(Not to Scale)
NOTES
1. CREATE A SIMILAR PAD ON THE PCB UNDER THE
EXPOSED PAD. SOLDER THE EXPOSED PAD TO
THE PAD ON THE PCB TO CONFER MECHANICAL
STRENGTH TO THE PACKAGE. CONNECT THE
PADS TO DGND AND GND.
Figure 10. Pin Configuration, ADE7978
Table 13. Pin Function Descriptions, ADE7978
Pin No.
Mnemonic
Description
1
VT_B
Selects the second voltage input (V2P) or the temperature measurement on the Phase B ADE7933/ADE7932.
Connect this pin to the V2/TEMP pin of the Phase B ADE7933/ADE7932. If no ADE7933/ADE7932 is used to
sense Phase B—as in the 3-phase, 3-wire delta configuration—leave this pin unconnected.
2
DATA_B
Receives the bit streams from the Phase B ADE7933/ADE7932. Connect this pin to the DATA pin of the Phase B
ADE7933/ADE7932. If no ADE7933/ADE7932 is used to sense Phase B—as in the 3-phase, 3-wire delta
configuration—connect this pin to VDD.
3
RESET_EN
Reset Output Enable. Connect this pin to the RESET_EN pins of the ADE7933/ADE7932 devices. This pin is used
by the ADE7978 to reset the ADE7933/ADE7932 devices (see the Hardware Reset section).
4
CLKOUT
4.096 MHz Output Clock Signal. Connect this pin to the XTAL1 pins of the ADE7933/ADE7932 devices.
5
SYNC
Clock Output (1.024 MHz). This pin is the clock for serial communication with the ADE7933/ADE7932 devices.
Connect this pin to the SYNC pins of the ADE7933/ADE7932 devices.
6
VT_C
Selects the second voltage input (V2P) or the temperature measurement on the Phase C ADE7933/ADE7932.
Connect this pin to the V2/TEMP pin of the Phase C ADE7933/ADE7932. If no ADE7933/ADE7932 is used to
sense Phase C, leave this pin unconnected.
7
DATA_C
Receives the bit streams from the Phase C ADE7933/ADE7932. Connect this pin to the DATA pin of the Phase C
ADE7933/ADE7932. If no ADE7933/ADE7932 is used to sense Phase C, connect this pin to VDD.
8
VT_N
Selects the second voltage input (V2P) or the temperature measurement on the neutral line ADE7933/ADE7932.
Connect this pin to the V2/TEMP pin of the neutral line ADE7933/ADE7932. If no ADE7933/ADE7932 is used to
sense the neutral line, leave this pin unconnected.
9
DATA_N
Receives the bit streams from the neutral line ADE7933/ADE7932. Connect this pin to the DATA pin of the neutral
line ADE7933/ADE7932. If no ADE7933/ADE7932 is used to sense the neutral line, connect this pin to VDD.
10, 11
IRQ0, IRQ1
Interrupt Request Outputs. These pins are active low logic outputs. For information about the events that can
trigger an interrupt, see the Interrupts section.
12
RESET
Reset Input, Active Low. Set this pin low for at least 10 µs to trigger a hardware reset (see the Hardware Reset
section).
13, 14, 15
CF1, CF2,
CF3/HSCLK
Calibration Frequency (CF) Logic Outputs. These outputs provide power information and are used for opera-
tional and calibration purposes. CF3 is multiplexed with the serial clock output of the HSDC port.
16
SS/HSA
Slave Select for the SPI Port/HSDC Port Active.
17
SCLK/SCL
Serial Clock Input for the SPI Port/Serial Clock Input for the I2C Port. This pin has a Schmitt trigger input for
use with clock sources that have a slow edge transition time, for example, opto-isolator outputs. The default
functionality of this pin is SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com