Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 42 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 38Page - Analog Devices ADE7978 Datasheet HTML 39Page - Analog Devices ADE7978 Datasheet HTML 40Page - Analog Devices ADE7978 Datasheet HTML 41Page - Analog Devices ADE7978 Datasheet HTML 42Page - Analog Devices ADE7978 Datasheet HTML 43Page - Analog Devices ADE7978 Datasheet HTML 44Page - Analog Devices ADE7978 Datasheet HTML 45Page - Analog Devices ADE7978 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 42 of 120
POWER QUALITY MEASUREMENTS
ZERO-CROSSING DETECTION
The ADE7978 has a zero-crossing (ZX) detection circuit on the
phase current and phase voltage channels. The neutral current
datapath and the second voltage channels do not have zero-
crossing detection circuits. Zero-crossing events are used as a
time base for various power quality measurements and in the
calibration process.
The output of the digital filter LPF1 is used to generate zero-
crossing events. The low-pass filter is intended to eliminate all
harmonics of 50 Hz and 60 Hz systems and to help identify
zero-crossing events on the fundamental components of both
current and voltage channels.
LPF1 has a pole at 80 Hz and is clocked at 256 kHz. As a result,
there is a phase lag between the analog input signal (one of IA,
IB, IC, VA, VB, or VC) and the output of LPF1. The error in ZX
detection is 0.0703° for 50 Hz systems and 0.0843° for 60 Hz
systems. The phase lag response of LPF1 results in a time delay
of approximately 31.4° (1.74 ms) at 50 Hz between the input
and output. The overall delay between the zero crossing on the
analog inputs and the ZX detection obtained after LPF1 is
approximately 39.6° (2.2 ms) at 50 Hz. The ADC and HPF
introduce the additional delay. To assure a good resolution of
the ZX detection, LPF1 cannot be disabled. Figure 53 shows
how the zero-crossing signal is detected.
IA, IB, IC AFTER
TEMPERATURE
COMPENSATION
OR
VA, VB, VC AFTER
HPF
ZX
DETECTION
LPF1
IA, IB, IC,
OR VA, VB, VC
39.6° OR 2.2ms @ 50Hz
1
0.855
ZX/
DREADY PIN
0V
ZX
ZX
ZX
ZX
LPF1
OUTPUT
Figure 53. Zero-Crossing Detection on Voltage and Current Channels
To provide additional protection from noise, input signals to
the voltage channel with amplitudes 1000 times lower than full
scale never generate zero-crossing events. The current channel
ZX detection circuit is active for all input signals, regardless of
their amplitudes.
The ADE7978 contains six zero-crossing detection circuits, one
for each phase voltage and current channel. Each circuit drives a
flag in the STATUS1 register (Address 0xE503). The status bits set
in the STATUS1 register when a zero-crossing detection circuit
detects a zero-crossing event are listed in Table 19.
Table 19. Zero-Crossing Status Bits in the STATUS1 Register
Bit No.
Bit Name
Zero-Crossing Event Detected on
9
ZXVA
Phase A voltage
10
ZXVB
Phase B voltage
11
ZXVC
Phase C voltage
12
ZXIA
Phase A current
13
ZXIB
Phase B current
14
ZXIC
Phase C current
If a ZX detection bit (any of Bits[14:9]) is set in the MASK1 register
(Address 0xE50B), the IRQ1 interrupt pin is driven low and the
corresponding status flag is set to 1 when the configured zero-
crossing event occurs. The status bit is cleared and the IRQ1 pin
returns high when a 1 is written to the appropriate bit in the
STATUS1 register.
By default, the ZX/DREADY pin is configured for the DREADY
functionality. Zero-crossing functionality can be configured for
the ZX/DREADY pin by setting Bits[1:0] (ZX_DREADY) in the
CONFIG register (Address 0xE618). When the ZX/DREADY pin
is configured for the ZX function, the pin stays high when the
phase voltage is positive and goes low when the phase voltage is
negative (see Figure 53).
When the ZX_DREADY bits are set to 01, zero-crossing events
detected on the Phase A voltage trigger the ZX/DREADY pin to
toggle simultaneously with Bit 9 (ZXVA) in the STATUS1 register
being set to 1. When the ZX_DREADY bits are set to 10 or 11,
zero-crossing events detected on the Phase B or Phase C voltage
trigger the ZX/DREADY pin to toggle simultaneously with Bit 10
(ZXVB) or Bit 11 (ZXVC) in the STATUS1 register being set to 1.
Zero-Crossing Timeout
Each zero-crossing detection circuit has an associated internal
timeout register that starts to decrement 1 ms (sixteen cycles of
a 16 kHz clock) after a zero-crossing event is triggered. This
register is loaded with the value written to the 16-bit ZXTOUT
register (Address 0xE60D) and is decremented by 1 LSB every
62.5 μs (16 kHz clock). The register is reset to the ZXTOUT value
every time a zero crossing is detected. The default value of this
register is 0xFFFF. If the timeout register decrements to 0 before
a zero crossing is detected, one of Bits[8:3] of the STATUS1
register is set to 1.
Bit 3 (ZXTOVA), Bit 4 (ZXTOVB), and Bit 5 (ZXTOVC)
in the STATUS1 register refer to the Phase A, Phase B, and
Phase C voltage channels.
Bit 6 (ZXTOIA), Bit 7 (ZXTOIB), and Bit 8 (ZXTOIC) in
the STATUS1 register refer to the Phase A, Phase B, and
Phase C current channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com