Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 31 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 27Page - Analog Devices ADE7978 Datasheet HTML 28Page - Analog Devices ADE7978 Datasheet HTML 29Page - Analog Devices ADE7978 Datasheet HTML 30Page - Analog Devices ADE7978 Datasheet HTML 31Page - Analog Devices ADE7978 Datasheet HTML 32Page - Analog Devices ADE7978 Datasheet HTML 33Page - Analog Devices ADE7978 Datasheet HTML 34Page - Analog Devices ADE7978 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 31 of 120
The Σ-∆ converter uses two techniques—oversampling and noise
shaping—to achieve high resolution from what is essentially a
1-bit conversion technique.
Oversampling
Oversampling is the first technique used to achieve high reso-
lution. Oversampling means that the signal is sampled at a rate
(frequency) that is many times higher than the bandwidth of
interest. For example, when CLKIN = 4.096 MHz, the sampling
rate in the ADE7933/ADE7932 is 1.024 MHz, whereas the band-
width of interest is 40 Hz to 3.3 kHz. Oversampling has the effect
of spreading the quantization noise (noise due to sampling) over
a wider bandwidth. With the noise spread more thinly over a
wider bandwidth, the quantization noise in the band of interest
is lowered (see Figure 40).
NOISE
SIGNAL
NOISE
SIGNAL
0
3.3 4
512
FREQUENCY (kHz)
HIGH RESOLUTION
OUTPUT FROM
ADE7978 DIGITAL LPF
1024
0
3.3 4
512
FREQUENCY (kHz)
1024
ADE7978
DIGITAL FILTER
SHAPED NOISE
ANTIALIASING FILTER
(RC)
SAMPLING
FREQUENCY
Figure 40. Noise Reduction Due to Oversampling and
Noise Shaping in the Analog Modulator
However, oversampling alone is not sufficient to improve the
signal-to-noise ratio (SNR) in the bandwidth of interest. For
example, an oversampling ratio of 4 is required to increase the
SNR by only 6 dB (1 bit). To keep the oversampling ratio at a
reasonable level, it is possible to shape the quantization noise so
that the majority of the noise lies at the higher frequencies (see
the Noise Shaping section).
Noise Shaping
Noise shaping is the second technique used to achieve high
resolution. In the Σ-∆ modulator, the noise is shaped by the
integrator, which has a high-pass type response for the quanti-
zation noise. The result is that most of the noise is at the higher
frequencies where it can be removed by the digital low-pass
filter in the ADE7978. This noise shaping is shown in Figure 40.
Antialiasing Filter
As shown in Figure 39, an external low-pass analog RC filter is
required on the input to the ADE7933/ADE7932 ADC. The role
of this filter is to prevent aliasing. Aliasing is an artifact of all
sampled systems, as shown in Figure 41. Aliasing refers to the
frequency components in the input signal to the ADC that are
imaged or folded back and appear in the sampled signal at a
frequency below half the sampling rate. This effect occurs with
signals that are higher than half the sampling rate of the ADC
(also known as the Nyquist frequency, that is, 512 kHz).
ALIASING EFFECTS
SAMPLING
FREQUENCY
IMAGE
FREQUENCIES
0
3.3
4
512
FREQUENCY (kHz)
1024
Figure 41. Aliasing Effects
In Figure 41, only frequencies near the sampling frequency of
1.024 MHz move into the band of interest for metering, that is,
40 Hz to 3.3 kHz. To attenuate high frequency (near 1.024 MHz)
noise and prevent the distortion of the band of interest, a low-pass
filter (LPF) must be introduced. It is recommended that one RC
filter with a corner frequency of 5 kHz be used for the attenuation
to be sufficiently high at the sampling frequency of 1.024 MHz.
The 20 dB per decade attenuation of this filter is usually sufficient
to eliminate the effects of aliasing for conventional current sensors.
ADC Transfer Function
The ADE7933/ADE7932 provide a stream of bits at the DATA
pin based on the SYNC clock signal provided by the ADE7978
(see the Bit Stream Communication Between the ADE7978 and
the ADE7933/ADE7932 section). The ADE7978 digital filter
processes the bit streams coming from all ADE7933/ADE7932
devices in the system and produces the 24-bit signed output
codes of the ADCs.
With a full-scale input signal of ±31.25 mV on the current
channel and ±0.5 V on the voltage channels and with an internal
reference of 1.2 V, the ADC output code is nominally 5,320,000
and usually varies for each ADE7933/ADE7932 around this value.
The code obtained by the ADE7978 from the ADE7933/ADE7932
ADCs can vary from 0x800000 (−8,388,608) to 0x7FFFFF
(+8,388,607); this code is equivalent to an input signal level of
±49.27 mV on the current channel and ±0.788 V on the voltage
channels. However, for specified performance, do not exceed the
nominal range of ±31.25 mV for the current channel and ±0.5 V
for the voltage channels; ADC performance is guaranteed only
for input signals within these limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com