Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 33Page - Analog Devices ADE7978 Datasheet HTML 34Page - Analog Devices ADE7978 Datasheet HTML 35Page - Analog Devices ADE7978 Datasheet HTML 36Page - Analog Devices ADE7978 Datasheet HTML 37Page - Analog Devices ADE7978 Datasheet HTML 38Page - Analog Devices ADE7978 Datasheet HTML 39Page - Analog Devices ADE7978 Datasheet HTML 40Page - Analog Devices ADE7978 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 37 of 120
Figure 49 shows the ADC and signal processing chain for the
temperature sensor when the ADE7933/ADE7932 monitor
Phase A. The temperature measurement is characterized by
offset and gain errors. The offset information is calculated
during the manufacturing process and is stored with a sign
opposite of the calculated sign into the ADE7933/ADE7932.
The ADE7978 reads the offset information using the bit stream
communication (see the Bit Stream Communication Between
the ADE7978 and the ADE7933/ADE7932 section for more
information). The ADE7978 then stores this information in the
8-bit signed ATEMPOS, BTEMPOS, CTEMPOS, and NTEMPOS
registers. The offset information is shifted left by 11 bits before
it is added to the temperature datapath.
The 24-bit signed temperature gain registers (ATGAIN, BTGAIN,
CTGAIN, and NTGAIN) can be used for gain compensation to
change the temperature waveform by ±100%. For example, if
0x400000 is written to these registers, the ADC output is scaled
up by 50%. To scale the output by −50%, write 0xC00000 to the
registers. Equation 10 describes mathematically the function of
the temperature waveform gain registers.
Temperature Waveform =
(10)
ADC Output ×


+
23
2
1
Register
Gain
Temp
of
Contents
The temperature measurements are also used in the current
channel datapath for the temperature compensation of the current
gain (see the Current Waveform Gain Registers section). A simple
approach to implement the temperature measurement is to leave
the temperature gain registers at their default values so that the
temperature compensation path uses the temperature measure-
ments without any gain correction.
The temperature measurement results are stored in the 24-bit
signed ATEMP, BTEMP, CTEMP, and NTEMP registers 1.024 sec
after the temperature sensor measurement is started by setting
the VT_A, VT_B, VT_C, and VT_N pins low. These registers
are updated at an 8 kSPS rate. The VT_A, VT_B, VT_C, and
VT_N pins must be kept low for at least 1.024 sec for the
temperature measurement results to be stored in the ATEMP,
BTEMP, CTEMP, and NTEMP registers.
The microcontroller can obtain the temperature measurements
expressed in °C units by applying the following formula:
Temperature(°C) = 8.72101 × 10−5 × TEMP − 306.47 (11)
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. Like the
SAGLVL register shown in Figure 61, the 24-bit signed ATEMP,
BTEMP, CTEMP, and NTEMP registers are transmitted as 32-bit
registers with the eight MSBs padded with 0s.
AIGAIN TEMPERATURE
COMPENSATION
ATEMP TEMPERATURE
RANGE
DIGITAL
LPF
DIGITAL LPF
WITH 10Hz
CORNER
BIT 0 (VA2_EN) IN
CONFIG3 REGISTER
CLEARED TO 0
ADE7978
VT_A
0V
+0.2472V
VIN
TEMPERATURE SENSOR CHARACTERISTIC
+0.3672V
+0.3098V
+25°C
+85°C
–40°C
0V
3,055,500
4,488,800
3,800,800
VOLTAGE CHANNEL DATA RANGE
WHEN TEMPERATURE SENSOR IS SELECTED
+25°C
+85°C
–40°C
ATEMPOS[7:0]
211
ATGAIN[23:0]
REFERENCE
PHASE A
ADE7933
Σ-Δ
MODULATOR
V2P
VIN
VM
TEMPERATURE
SENSOR
Figure 49. Temperature Measurement Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com