Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 110 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 110 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 106Page - Analog Devices ADE7978 Datasheet HTML 107Page - Analog Devices ADE7978 Datasheet HTML 108Page - Analog Devices ADE7978 Datasheet HTML 109Page - Analog Devices ADE7978 Datasheet HTML 110Page - Analog Devices ADE7978 Datasheet HTML 111Page - Analog Devices ADE7978 Datasheet HTML 112Page - Analog Devices ADE7978 Datasheet HTML 113Page - Analog Devices ADE7978 Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 110 of 120
Table 47. PHSTATUS Register (Address 0xE600)
Bits
Bit Name
Default Value
Description
[2:0]
Reserved
000
Reserved. These bits are always set to 0.
3
OIPHASE[0]
0
When this bit is set to 1, the Phase A current generates Bit 17 (OI) in the STATUS1 register.
4
OIPHASE[1]
0
When this bit is set to 1, the Phase B current generates Bit 17 (OI) in the STATUS1 register.
5
OIPHASE[2]
0
When this bit is set to 1, the Phase C current generates Bit 17 (OI) in the STATUS1 register.
[8:6]
Reserved
000
Reserved. These bits are always set to 0.
9
OVPHASE[0]
0
When this bit is set to 1, the Phase A voltage generates Bit 18 (OV) in the STATUS1 register.
10
OVPHASE[1]
0
When this bit is set to 1, the Phase B voltage generates Bit 18 (OV) in the STATUS1 register.
11
OVPHASE[2]
0
When this bit is set to 1, the Phase C voltage generates Bit 18 (OV) in the STATUS1 register.
12
VSPHASE[0]
0
When this bit is set to 1, the Phase A voltage generates Bit 16 (sag) in the STATUS1 register.
13
VSPHASE[1]
0
When this bit is set to 1, the Phase B voltage generates Bit 16 (sag) in the STATUS1 register.
14
VSPHASE[2]
0
When this bit is set to 1, the Phase C voltage generates Bit 16 (sag) in the STATUS1 register.
15
Reserved
0
Reserved. This bit is always set to 0.
Table 48. PHNOLOAD Register (Address 0xE608)
Bits
Bit Name
Default Value
Description
0
NLPHASE[0]
0
0: Phase A is out of the no load condition based on the total active and reactive powers.
1: Phase A is in the no load condition based on the total active and reactive powers. This
bit is set together with Bit 0 (NLOAD) in the STATUS1 register.
1
NLPHASE[1]
0
0: Phase B is out of the no load condition based on the total active and reactive powers.
1: Phase B is in the no load condition based on the total active and reactive powers. This
bit is set together with Bit 0 (NLOAD) in the STATUS1 register.
2
NLPHASE[2]
0
0: Phase C is out of the no load condition based on the total active and reactive powers.
1: Phase C is in the no load condition based on the total active and reactive powers. This
bit is set together with Bit 0 (NLOAD) in the STATUS1 register.
3
FNLPHASE[0]
0
0: Phase A is out of the no load condition based on the fundamental active and reactive
powers.
1: Phase A is in the no load condition based on the fundamental active and reactive
powers. This bit is set together with Bit 1 (FNLOAD) in the STATUS1 register.
4
FNLPHASE[1]
0
0: Phase B is out of the no load condition based on the fundamental active and reactive
powers.
1: Phase B is in the no load condition based on the fundamental active and reactive
powers. This bit is set together with Bit 1 (FNLOAD) in the STATUS1 register.
5
FNLPHASE[2]
0
0: Phase C is out of the no load condition based on the fundamental active and reactive
powers.
1: Phase C is in the no load condition based on the fundamental active and reactive
powers. This bit is set together with Bit 1 (FNLOAD) in the STATUS1 register.
6
VANLPHASE[0]
0
0: Phase A is out of the no load condition based on the apparent power.
1: Phase A is in the no load condition based on the apparent power. This bit is set together
with Bit 2 (VANLOAD) in the STATUS1 register.
7
VANLPHASE[1]
0
0: Phase B is out of the no load condition based on the apparent power.
1: Phase B is in the no load condition based on the apparent power. This bit is set together
with Bit 2 (VANLOAD) in the STATUS1 register.
8
VANLPHASE[2]
0
0: Phase C is out of the no load condition based on the apparent power.
1: Phase C is in the no load condition based on the apparent power. This bit is set together
with Bit 2 (VANLOAD) in the STATUS1 register.
[15:9]
Reserved
000 0000
Reserved. These bits are always set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com