Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 116 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 116 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 112Page - Analog Devices ADE7978 Datasheet HTML 113Page - Analog Devices ADE7978 Datasheet HTML 114Page - Analog Devices ADE7978 Datasheet HTML 115Page - Analog Devices ADE7978 Datasheet HTML 116Page - Analog Devices ADE7978 Datasheet HTML 117Page - Analog Devices ADE7978 Datasheet HTML 118Page - Analog Devices ADE7978 Datasheet HTML 119Page - Analog Devices ADE7978 Datasheet HTML 120Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 116 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 116 of 120
Table 56. CONSEL[1:0] Bits in Energy Registers1
Energy Registers
CONSEL[1:0] = 00
CONSEL[1:0] = 01
CONSEL[1:0] = 11
AWATTHR, AFWATTHR
VA × IA
VA × IA
VA × IA
BWATTHR, BFWATTHR
VB × IB
VB = VA − VC
VB = −VA
VB × IB1
VB × IB
CWATTHR, CFWATTHR
VC × IC
VC × IC
VC × IC
AVARHR, AFVARHR
VA × IA’
VA × IA’
VA × IA’
BVARHR, BFVARHR
VB × IB’
VB = VA − VC
VB = −VA
VB × IB’1
VB × IB’
CVARHR, CFVARHR
VC × IC’
VC × IC’
VC × IC’
AVAHR
VA rms × IA rms
VA rms × IA rms
VA rms × IA rms
BVAHR
VB rms × IB rms
VB rms × IB rms1
VB rms × IB rms
VB = VA − VC
VB = −VA
CVAHR
VC rms × IC rms
VC rms × IC rms
VC rms × IC rms
1
In a 3-phase, 3-wire configuration (CONSEL[1:0] = 01), the ADE7978 computes the rms value of the line voltage between Phase A and Phase C and stores the result in
the BVRMS register (see the Voltage RMS in Delta Configurations section). The Phase B current value provided after the HPF is 0. Consequently, the powers associated with
Phase B are 0. To avoid any errors in the frequency output pins (CF1, CF2, or CF3) related to the powers associated with Phase B, disable the contribution of Phase B
to the energy-to-frequency converters by setting the TERMSEL1[1], TERMSEL2[1], or TERMSEL3[1] bit to 0 in the COMPMODE register. For more information, see the
Energy-to-Frequency Conversion section.
Table 57. LCYCMODE Register (Address 0xE702)
Bits
Bit Name
Default Value
Description
0
LWATT
0
0: the watthour accumulation registers (AWATTHR, BWATTHR, CWATTHR, AFWATTHR,
BFWATTHR, and CFWATTHR) are configured for regular accumulation mode.
1: the watthour accumulation registers (AWATTHR, BWATTHR, CWATTHR, AFWATTHR,
BFWATTHR, and CFWATTHR) are configured for line cycle accumulation mode.
1
LVAR
0
0: the var-hour accumulation registers (AVARHR, BVARHR, CVARHR, AFVARHR, BFVARHR,
and CFVARHR) are configured for regular accumulation mode.
1: the var-hour accumulation registers (AVARHR, BVARHR, CVARHR, AFVARHR, BFVARHR,
and CFVARHR) are configured for line cycle accumulation mode.
2
LVA
0
0: the VA-hour accumulation registers (AVAHR, BVAHR, and CVAHR) are configured for
regular accumulation mode.
1: the VA-hour accumulation registers (AVAHR, BVAHR, and CVAHR) are configured for line
cycle accumulation mode.
3
ZXSEL[0]
1
0: Phase A is not selected for zero-crossing counts in line cycle accumulation mode.
1: Phase A is selected for zero-crossing counts in line cycle accumulation mode. If more
than one phase is selected for zero-crossing detection, the accumulation time is shortened
accordingly.
4
ZXSEL[1]
1
0: Phase B is not selected for zero-crossing counts in line cycle accumulation mode.
1: Phase B is selected for zero-crossing counts in line cycle accumulation mode. If more
than one phase is selected for zero-crossing detection, the accumulation time is shortened
accordingly.
5
ZXSEL[2]
1
0: Phase C is not selected for zero-crossing counts in line cycle accumulation mode.
1: Phase C is selected for zero-crossing counts in line cycle accumulation mode. If more
than one phase is selected for zero-crossing detection, the accumulation time is shortened
accordingly.
6
RSTREAD
1
0: disables read with reset of all xWATTHR, xVARHR, xVAHR, xFWATTHR, and xFVARHR
registers. Clear this bit to 0 when Bits[2:0] (LVA, LVAR, and LWATT) are set to 1.
1: enables read with reset of all xWATTHR, xVARHR, xVAHR, xFWATTHR, and xFVARHR
registers. When this bit is set to 1, a read of these registers resets them to 0.
7
PFMODE
0
0: power factor calculation uses instantaneous values of various phase powers used in its
expression.
1: power factor calculation uses phase energy values calculated using line cycle accumula-
tion mode. The LWATT and LVA bits (Bit 0 and Bit 2) must be enabled for the power factors
to be computed correctly. The update rate of the power factor measurement is the integral
number of half line cycles that is programmed in the LINECYC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com