Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 109Page - Microchip Technology PIC12F635ESS Datasheet HTML 110Page - Microchip Technology PIC12F635ESS Datasheet HTML 111Page - Microchip Technology PIC12F635ESS Datasheet HTML 112Page - Microchip Technology PIC12F635ESS Datasheet HTML 113Page - Microchip Technology PIC12F635ESS Datasheet HTML 114Page - Microchip Technology PIC12F635ESS Datasheet HTML 115Page - Microchip Technology PIC12F635ESS Datasheet HTML 116Page - Microchip Technology PIC12F635ESS Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 111
PIC12F635/PIC16F636/639
11.29 Demodulator
The demodulator recovers the modulation data from
the received signal, containing carrier plus data, by
appropriate envelope detection. The demodulator has
a fast rise (charge) time (TDR) and a fall time (TDF)
appropriate to an envelope of input signal (see
Section 15.0 “Electrical Specifications” for TDR
and TDF specifications). The demodulator contains
the full-wave rectifier, low-pass filter, peak detector
and data slicer.
FIGURE 11-9:
DEMODULATOR CHARGE AND DISCHARGE
11.30 Power-On Reset
This circuit remains in a Reset state until a sufficient
supply voltage is applied to the AFE. The Reset
releases when the supply is sufficient for correct AFE
operation, nominally VPOR of AFE.
The Configuration registers are all cleared on a
Power-on Reset. As the Configuration registers are
protected by odd row and column parity, the ALERT pin
will be pulled down – indicating to the microcontroller
section that the AFE configuration memory is cleared
and requires loading.
11.31 LFDATA Output Selection
The LFDATA output can be configured to pass the
Demodulator output, Received Signal Strength Indicator
(RSSI) output, or Carrier Clock. See Configuration
Register 1 (Register 11-2) for more details.
11.31.1
DEMODULATOR OUTPUT
The demodulator output is the default configuration of
the output selection. This is the output of an envelope
detection circuit. See Figure 11-9 for the demodulator
output.
For a clean data output or to save operating power, the
input channels can be individually enabled or disabled. If
more than one channel is enabled, the output is the sum
of each output of all enabled channels. There will be no
valid output if all three channels are disabled. When the
demodulated output is selected, the output is available in
two different conditions depending on how the options of
Configuration Register 0 (Register 11-1) are set: Output
Enable Filter is disabled or enabled.
Related Configuration register bits:
• Configuration Register 1 (Register 11-2),
DATOUT <8:7>:
-bit 8 bit 7
00
: Demodulator Output
01
: Carrier Clock Output
10
: RSSI Output
01
: RSSI Output
• Configuration Register 0 (Register 11-1): all bits
Full-wave Rectifier output
Signal into LC input pins
Data Slicer output
TDR
TDF
(demodulator output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com