Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 116 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 116 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 112Page - Microchip Technology PIC12F635ESS Datasheet HTML 113Page - Microchip Technology PIC12F635ESS Datasheet HTML 114Page - Microchip Technology PIC12F635ESS Datasheet HTML 115Page - Microchip Technology PIC12F635ESS Datasheet HTML 116Page - Microchip Technology PIC12F635ESS Datasheet HTML 117Page - Microchip Technology PIC12F635ESS Datasheet HTML 118Page - Microchip Technology PIC12F635ESS Datasheet HTML 119Page - Microchip Technology PIC12F635ESS Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 114
© 2007 Microchip Technology Inc.
11.31.2
CARRIER CLOCK OUTPUT
When the Carrier Clock output is selected, the LFDATA
output is a square pulse of the input carrier clock and
available as soon as the AGC stabilization time (TAGC) is
completed. There are two Configuration register options
for the carrier clock output: (a) clock divide-by one or (b)
clock divide-by four, depending on bit DATOUT<7> of
Configuration Register 2 (Register 11-3). The carrier
clock output is available immediately after the AGC
settling time. The Output Enable Filter, AGCSIG, and
MODMIN options are applicable for the carrier clock
output in the same way as the demodulated output. The
input channel can be individually enabled or disabled for
the output. If more than one channel is enabled, the
output is the sum of each output of all enabled channels.
Therefore, the carrier clock output waveform is not as
precise as when only one channel is enabled. It is
recommended to enable one channel only if a precise
output waveform is desired.
There will be no valid output if all three channels are
disabled. See Figure 11-13 for carrier clock output
examples.
Related Configuration register bits:
• Configuration Register 1 (Register 11-2),
DATOUT <8:7>:
bit 8 bit 7
00
: Demodulator Output
01
: Carrier Clock Output
10
: RSSI Output
11
: RSSI Output
• Configuration Register 2 (Register 11-3),
CLKDIV<7>:
0
: Carrier Clock/1
1
: Carrier Clock/4
• Configuration Register 0 (Register 11-1): all bits
are affected
• Configuration Register 5 (Register 11-6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com