Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 116Page - Microchip Technology PIC12F635ESS Datasheet HTML 117Page - Microchip Technology PIC12F635ESS Datasheet HTML 118Page - Microchip Technology PIC12F635ESS Datasheet HTML 119Page - Microchip Technology PIC12F635ESS Datasheet HTML 120Page - Microchip Technology PIC12F635ESS Datasheet HTML 121Page - Microchip Technology PIC12F635ESS Datasheet HTML 122Page - Microchip Technology PIC12F635ESS Datasheet HTML 123Page - Microchip Technology PIC12F635ESS Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 118
© 2007 Microchip Technology Inc.
11.31.3.1
ANALOG-TO-DIGITAL DATA
CONVERSION OF RSSI SIGNAL
The AFE’s RSSI output is an analog current. It needs an
external Analog-to-Digital (ADC) data conversion device
for digitized output. The ADC data conversion can be
accomplished by using a stand-alone external ADC
device
or
by
firmware
utilizing
MCU’s
internal
comparator along with a few external resistors and a
capacitor. For slope ADC implementations, the external
capacitor at the LFDATA pad needs to be discharged
before data sampling. For this purpose, the internal
pull-down MOSFET on the LFDATA pad can be utilized.
The MOSFET can be turned on or off with bit
RSSIFET<8>
of
the
Configuration
Register
2
(Register 11-3). When it is turned on, the internal
MOSFET provides a discharge path for the external
capacitor. This MOSFET option is valid only if RSSI
output is selected and not controllable by users for
demodulated or carrier clock output options.
See separate application notes for various external ADC
implementation methods for this device.
11.32 AFE Configuration
11.32.1
SPI COMMUNICATION
The AFE SPI interface communication is used to read
or write the AFE’s Configuration registers and to send
command only messages. For the SPI interface, the
device has three pads; CS, SCLK/ALERT, and
LFDATA/RSSI/CCLK/SDIO.
Figure 11-15,
Figure 11-14, Figure 11-16 and Figure 11-17 shows
examples of the SPI communication sequences.
When the device powers up, these pins will be
high-impedance inputs until firmware modifies them
appropriately. The AFE pins connected to the MCU
pins will be as follows.
CS
• Pin is permanently an input with an internal pull-up.
SCLK/ALERT
• Pin is an open collector output when CS is high.
An internal pull-up resistor exists internal to the
AFE to ensure no spurious SPI communication
between powering and the MCU configuring its
pins. This pin becomes the SPI clock input when
CS is low.
LFDATA/RSSI/CCLK/SDIO
• Pin is a digital output (LFDATA) so long as CS is
high. During SPI communication, the pin is the
SPI data input (SDI) unless performing a register
Read, where it will be the SPI data output (SDO).
FIGURE 11-16:
POWER-UP SEQUENCE
CS
SCLK/ALERT
LFDATA/RSSI/
CCLK/SDIO
ALERT
LFDATA
(output)
(open collector
output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com