Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 118Page - Microchip Technology PIC12F635ESS Datasheet HTML 119Page - Microchip Technology PIC12F635ESS Datasheet HTML 120Page - Microchip Technology PIC12F635ESS Datasheet HTML 121Page - Microchip Technology PIC12F635ESS Datasheet HTML 122Page - Microchip Technology PIC12F635ESS Datasheet HTML 123Page - Microchip Technology PIC12F635ESS Datasheet HTML 124Page - Microchip Technology PIC12F635ESS Datasheet HTML 125Page - Microchip Technology PIC12F635ESS Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 120
© 2007 Microchip Technology Inc.
FIGURE 11-18:
SPI READ SEQUENCE
CS
LFDATA/RSSI/
CCLK/SDIO
TSU THD
TSCCS
THI
TLO
1/FSCLK
TCS1
TCSH
TCS0
SDI
(input)
SCLK
(input)
ALERT
(output)
LFDATA
(output)
16 Clocks for Read Command,
TCSSC
TCSSC TCS1
TCSH
TCS0
SDO
SCLK
(input)
ALERT
(output)
LFDATA
(output)
16 Clocks for Read Result
(output)
SCLK/ALERT
ALERT
LFDATA
(output)
(output)
1
2
3
4
5
6
7
8
9
10
TDO
MSb
LSb
TCSSC
Address and Dummy Data
MCU SPI Read Details:
1.
Drive the AFE’s open collector ALERT output low.
•
To ensure no false clocks occur when CS drops.
2.
Drop CS
•
AFE SCLK/ALERT becomes SCLK input.
•
LFDATA/RSSI/CCLK/SDIO becomes SDI input.
3.
Change LFDATA/RSSI/CCLK/SDIO connected pin to output.
•
Driving SPI data.
4.
Clock in 16-bit SPI Read sequence.
•
Command, address and dummy data.
5.
Change LFDATA/RSSI/CCLK/SDIO connected pin to input.
6.
Raise CS to complete the SPI Read entry of command and address.
7.
Drop CS.
•
AFE SCLK/ALERT becomes SCLK input.
•
LFDATA/RSSI/CCLK/SDIO becomes SDO output.
8.
Clock out 16-bit SPI Read result.
•
First seven bits clocked-out are dummy bits.
•
Next eight bits are the Configuration register data.
•
The last bit is the Configuration register row parity bit.
9.
Raise CS to complete the SPI Read.
10.
Change SCLK/ALERT back to input.
Note:
The TCSH is considered as one clock. Therefore, the
Configuration register data appears at 6th clock after TCSH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com