Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 120Page - Microchip Technology PIC12F635ESS Datasheet HTML 121Page - Microchip Technology PIC12F635ESS Datasheet HTML 122Page - Microchip Technology PIC12F635ESS Datasheet HTML 123Page - Microchip Technology PIC12F635ESS Datasheet HTML 124Page - Microchip Technology PIC12F635ESS Datasheet HTML 125Page - Microchip Technology PIC12F635ESS Datasheet HTML 126Page - Microchip Technology PIC12F635ESS Datasheet HTML 127Page - Microchip Technology PIC12F635ESS Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 122
© 2007 Microchip Technology Inc.
FIGURE 11-19:
DETAILED SPI INTERFACE TIMING (AFE)
11.32.2.1
Clamp On Command
This command results in activating (turning on) the
modulation transistors of all enabled channels; channels
enabled in Configuration Register 0 (Register 11-1).
11.32.2.2
Clamp Off Command
This command results in de-activating (turning off) the
modulation transistors of all channels.
11.32.2.3
Sleep Command
This command places the AFE in Sleep mode –
minimizing current draw by disabling all but the
essential circuitry. Any other command wakes the AFE
(example: Clamp Off command).
11.32.2.4
Soft Reset Command
The AFE issues a Soft Reset when it receives an
external Soft Reset command. The external Soft Reset
command is typically used to end a SPI communication
sequence or to initialize the AFE for the next signal
detection sequence, etc. See Section 11.20 “Soft
Reset” for more details on Soft Reset.
If a Soft Reset command is sent during a “Clamp-on”
condition, the AFE still keeps the “Clamp-on” condition
after the Soft Reset execution. The Soft Reset is
executed in Active mode only, not in Standby mode.
The SPI Soft Reset command is ignored if the AFE is
not in Active mode.
11.32.2.5
AGC Preserve On Command
This command results in preserving the AGC level
during each AGC settling time and apply the value to
the data slicing circuit for the following data stream. The
preserved AGC value is reset by a Soft Reset, and a
new AGC value is acquired and preserved when it
starts a new AGC settling time. This feature is disabled
by an AGC Preserve Off command (see Section 11.19
“AGC Preserve”).
11.32.2.6
AGC Preserve Off Command
This command disables the AGC preserve feature and
returns the AFE to the normal AGC tracking mode, fast
tracking during AGC settling time and slow tracking
after that (see Section 11.19 “AGC Preserve”).
11.32.3
CONFIGURATION REGISTERS
The AFE includes 8 Configuration registers, including a
column parity register and AFE Status Register. All
registers are readable and writable via SPI, except
STATUS register, which is readable only. Bit 0 of each
register is a row parity bit (except for the AFE Status
Register 7) that makes the register contents an odd
number.
12
34
56
78
9
10
11
12
13
14
15
16
CS
SCLK
SDIO
Command
Data Byte
Address
Row
Parity Bit
MSb
LSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com