Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 191Page - Microchip Technology PIC12F635ESS Datasheet HTML 192Page - Microchip Technology PIC12F635ESS Datasheet HTML 193Page - Microchip Technology PIC12F635ESS Datasheet HTML 194Page - Microchip Technology PIC12F635ESS Datasheet HTML 195Page - Microchip Technology PIC12F635ESS Datasheet HTML 196Page - Microchip Technology PIC12F635ESS Datasheet HTML 197Page - Microchip Technology PIC12F635ESS Datasheet HTML 198Page - Microchip Technology PIC12F635ESS Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 193
PIC12F635/PIC16F636/639
FIGURE 16-4:
MAXIMUM IDD vs. FOSC OVER VDD (HS MODE)
FIGURE 16-5:
TYPICAL IDD vs. VDD OVER FOSC (XT MODE)
Maximum IDD vs FOSC Over Vdd
HS Mode
3.5V
4.0V
4.5V
5.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
4 MHz
10 MHz
16 MHz
20 MHz
FOSC
Typical: Statistical Mean @25°C
Maximum: Mean (Worst Case Temp) + 3
σ
(-40°C to 125°C)
3.0V
5.5V
XT Mode
0
100
200
300
400
500
600
700
800
900
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst Case Temp) + 3
σ
(-40°C to 125°C)
4 MHz
1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com